Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT240PWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT240PWDH
Description  ABT octal inverting buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT240PWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT240PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT240PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT240
3.3V Octal inverting buffer (3-State)
1998 Feb 19
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω;Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = –40°C to +85°C
VCC = +3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
nAx to nYx
1
1
1
2.5
2.5
4.3
4.3
5.2
5.0
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1
1
3.7
3.1
5.2
5.2
6.3
6.7
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
2
1.6
3.4
3.2
5.6
5.1
6.3
5.6
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
nAx INPUT
VM
VM
nYx OUTPUT
VM
VM
tPHL
tPLH
SA00037
VIN
Waveform 1. Input (nAx) to Output (nYx) Propagation Delays
nOE INPUT
tPZH
tPHZ
nYx OUTPUT
VOH
nYx OUTPUT
VOL
tPZL
tPLZ
3.0V
0V
VOL + 0.3V
VOH – 0.3V
VIN
VMO
0V
SV00104
VMI
VMO
VMI
Waveform 2. 3-State Output Enable and Disable Times


Similar Part No. - 74LVT240PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT240PW NEXPERIA-74LVT240PW Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
More results

Similar Description - 74LVT240PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT240 PHILIPS-74LVT240_15 Datasheet
95Kb / 10P
   ABT octal inverting buffer (3-State)
1998 Feb 19
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com