Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244APW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT244APW
Description  3.3V Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT244APW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT244APW Datasheet HTML 2Page - NXP Semiconductors 74LVT244APW Datasheet HTML 3Page - NXP Semiconductors 74LVT244APW Datasheet HTML 4Page - NXP Semiconductors 74LVT244APW Datasheet HTML 5Page - NXP Semiconductors 74LVT244APW Datasheet HTML 6Page - NXP Semiconductors 74LVT244APW Datasheet HTML 7Page - NXP Semiconductors 74LVT244APW Datasheet HTML 8Page - NXP Semiconductors 74LVT244APW Datasheet HTML 9Page - NXP Semiconductors 74LVT244APW Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
74LVT244A
3.3V Octal buffer/line driver (3-State)
1998 Feb 19
9
TSSOP20:
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1


Similar Part No. - 74LVT244APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT244APW NXP-74LVT244APW Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244APW NEXPERIA-74LVT244APW Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244APW-Q100 NEXPERIA-74LVT244APW-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

Similar Description - 74LVT244APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Nov
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com