Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3990A Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 3990A
Description  Panel Mounted LED Indicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

3990A Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  3990A Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
3990A Series Panel Mounted LED Indicator
EL ECTRO-OP T IC A L CH A R A CTERISTICS
Features
Mounting: Will snap-fit in Ø.217/.221 hole in panels .031/.062 thick.
Wire Leads: No.24 AWG, 4.4/4.8 long, stripped .430/.570
Anode(+): Red lead
Housing: White nylon
Lens: Polycarbonate
All dimensions
in inches.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
3990A1
3990A3
3990A5
3991A6-5V
Red
Amber
Green
Blue
10
7
16
10
10
10
30
30
30
Use #680 Incandescent Lamp-5V , .06A, 200,000 Hours
2.0
2.2
2.2
3.0
3.0
3.0
1.0
.09
.09
5
5
5
3990A7
Yellow
6.3
10
30
2.1
3.0
1.0
5
.770
.080
Ø.250
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 3990A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
3990A VCC-3990A Datasheet
78Kb / 1P
   Panel Mounted LED Indicator
More results

Similar Description - 3990A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5400A1 CML-5400A1 Datasheet
47Kb / 1P
   Panel Mounted LED Indicator
logo
Visual Communications C...
5400A VCC-5400A Datasheet
64Kb / 1P
   Panel Mounted LED Indicator
3990A VCC-3990A Datasheet
78Kb / 1P
   Panel Mounted LED Indicator
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5111F VCC-5111F Datasheet
100Kb / 1P
   Panel Mounted LED Indicator Light
5894S VCC-5894S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
   Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com