Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT273DB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVT273DB
Description  3.3V Octal D flip-flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT273DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT273DB Datasheet HTML 3Page - NXP Semiconductors 74LVT273DB Datasheet HTML 4Page - NXP Semiconductors 74LVT273DB Datasheet HTML 5Page - NXP Semiconductors 74LVT273DB Datasheet HTML 6Page - NXP Semiconductors 74LVT273DB Datasheet HTML 7Page - NXP Semiconductors 74LVT273DB Datasheet HTML 8Page - NXP Semiconductors 74LVT273DB Datasheet HTML 9Page - NXP Semiconductors 74LVT273DB Datasheet HTML 10Page - NXP Semiconductors 74LVT273DB Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Philips Semiconductors
Product specification
74LVT273
3.3V Octal D flip-flop
1998 Feb 19
10
TSSOP20:
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1


Similar Part No. - 74LVT273DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273DB NXP-74LVT273DB Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
More results

Similar Description - 74LVT273DB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
PI74LPT374 PERICOM-PI74LPT374 Datasheet
411Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com