Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4302F1-5V Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4302F1-5V
Description  IntegratedResistor 5 Volts 12 Volts T-1 (3mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4302F1-5V Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4302F1-5V Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4302F-5V, 4302F-12V Series IntegratedResistor 5 Volts 12 Volts T-1 (3mm)
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A T INGS
All dimensions
in inches.
8.0
8.0
8.0
8.0
5
60
583
20
2.0
15
12
13
Amber
Amber
4302F 3-12V
5
60
635
20
2.0
15
12
13
Red
Red
4302F 1-12V
5
60
565
15
2.0
7.5
5
10
Green
G reen
4302F 5-5V
5
60
583
15
2.0
7.5
5
10
Amber
Amb er
4302F 3-5V
4302F 1-5V
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Rated C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Diffus ion
V iewing Angle 20 1/ 2 (degrees)
Red
Red
10
5
7.5
2.0
8.0
20
635
60
5
Diffus ed
Diffus ed
Diffus ed
Diffus ed
C ontinuous F orward C urrent Max. (mA)
R everse B reakdown V oltage Min. (V )
8.0
5
60
565
20
2.0
15
12
13
G reen
Green
4302F 5-12V
Diffus ed
ANODE
SQ.T Y P .
.019
±.002
.100
±.010
.115
±.010
.235
±.015
.050
±.010
MIN.
1.060
.033
±.012
.175
±.010
.125
±.010
• High brightness output
• Integral current limiting resistor
• TTL compatible requires no
external current limiter with 5 volt
or 12 volt supply.
• Wide viewing angle - 60°.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 4302F1-5V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4302F1-5V ETC1-4302F1-5V Datasheet
22Kb / 1P
   4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm)
logo
Visual Communications C...
4302F1-5V VCC-4302F1-5V Datasheet
55Kb / 1P
   Integrated Resistor 5 Volts 12 Volts T-1 (3mm)
More results

Similar Description - 4302F1-5V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4302F-5V VCC-4302F-5V Datasheet
55Kb / 1P
   Integrated Resistor 5 Volts 12 Volts T-1 (3mm)
logo
List of Unclassifed Man...
4302F ETC1-4302F Datasheet
22Kb / 1P
   4302F-5V, 4302F-12V Series Intergrated 5 Volts 12 Volts T-1 (3mm)
4302H ETC1-4302H Datasheet
22Kb / 1P
   4302H-5V, 4302H-12V Series Intergrated Resistor-5 Volts and 12 Volts Operation T-1 3/4 (5mm)
logo
Everlight Electronics C...
PT202B EVERLIGHT-PT202B Datasheet
186Kb / 7P
   3mm Phototransistor,T-1
PT204-6B EVERLIGHT-PT204-6B Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT204-6B EVERLIGHT-PT204-6B_06 Datasheet
153Kb / 7P
   3mm Phototransistor T-1
logo
List of Unclassifed Man...
PT204-6C ETC1-PT204-6C Datasheet
159Kb / 7P
   3mm Phototransistor T-1
logo
Everlight Electronics C...
EAPLP03RDAA0 EVERLIGHT-EAPLP03RDAA0 Datasheet
314Kb / 8P
   3mm Phototransistor T-1
PT204-6C EVERLIGHT-PT204-6C Datasheet
163Kb / 7P
   3mm Phototransistor T-1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com