Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT273PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT273PW
Description  3.3V Octal D flip-flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT273PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT273PW Datasheet HTML 2Page - NXP Semiconductors 74LVT273PW Datasheet HTML 3Page - NXP Semiconductors 74LVT273PW Datasheet HTML 4Page - NXP Semiconductors 74LVT273PW Datasheet HTML 5Page - NXP Semiconductors 74LVT273PW Datasheet HTML 6Page - NXP Semiconductors 74LVT273PW Datasheet HTML 7Page - NXP Semiconductors 74LVT273PW Datasheet HTML 8Page - NXP Semiconductors 74LVT273PW Datasheet HTML 9Page - NXP Semiconductors 74LVT273PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74LVT273
3.3V Octal D flip-flop
1998 Feb 19
6
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω, Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = +3.3 ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
3
2.3
2.3
1.0
1.0
2.7
2.7
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
3
0
0
–0.6
–0.6
0
0
ns
tw(H)
tw(L)
Clock pulse width
High or Low
1
3.3
3.3
1.5
1.5
3.3
3.3
ns
tw(L)
Master Reset pulse width, Low
2
3.3
1.5
3.3
ns
tREC
Recovery time
MR to CP
2
2.7
1.0
3.2
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
CP
Qn
1.5V
2.7V
0V
1.5V
1.5V
1.5V
1.5V
VOH
VOL
SV00021
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
MR
tPHL
tREC
Qn
CP
tw(L)
1.5V
1.5V
1.5V
1.5V
2.7V
0V
2.7V
0V
VOH
VOL
SV00107
Waveform 2. Master Reset Pulse Width, Master Reset to
Output Delay and Master Reset to Clock Recovery Time
Dn
CP
ts(H)
th(H)
ts(L)
th(L)
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
2.7V
0V
2.7V
0V
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SV00108
Waveform 3. Data Setup and Hold Times


Similar Part No. - 74LVT273PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273PW NXP-74LVT273PW Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
More results

Similar Description - 74LVT273PW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
PI74LPT374 PERICOM-PI74LPT374 Datasheet
411Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com