Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D301-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS767D301-Q1
Description  DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS767D301-Q1 Datasheet HTML 4Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 5Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 6Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 7Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 8Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 9Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 10Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 11Page - Texas Instruments TPS767D301-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TPS767D301Q1, TPS767D318Q1, TPS767D325Q1
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SGLS231 − FEBRUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, Vi = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 10 µF (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input current (EN)
EN = 0 V
−1
0
1
A
Input current (EN)
EN = VI
−1
1
µA
Load regulation
3
mV
Dropout voltage (see Note 4)
VO = 3.3 V, IO = 1 A
TJ = 25°C
350
mV
Dropout voltage (see Note 4)
VO = 3.3 V, IO = 1 A
TJ = −40°C to 125°C
575
mV
NOTE 4: IN voltage equals Vo(Typ) − 100mV; Adjustable output voltage set to 3.3V nominal with external resistor divider. 1.8V, and 2.5V dropout
voltage is limited by input voltage range limitations.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Output voltage
vs Output current
2, 3, 4
Output voltage
vs Free-air temperature
5, 6, 7
Ground current
vs Free-air temperature
8, 9
Power supply ripple rejection
vs Frequency
10
Output spectral noise density
vs Frequency
11
Output impedance
vs Frequency
12
Dropout voltage
vs Free-air temperature
13
Line transient response
14, 16
Load transient response
15, 17
Output voltage
vs Time
18
Dropout voltage
vs Input voltage
19
vs Output current, TA = 25°C
21
Equivalent series resistance (ESR)
vs Output current, TJ = 125°C
22
Equivalent series resistance (ESR)
vs Output Current, TA = 25°C
23
vs Output current, TJ = 125°C
24


Similar Part No. - TPS767D301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301-Q1 TI1-TPS767D301-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com