Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS767D318-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS767D318-Q1
Description  DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D318-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS767D318-Q1 Datasheet HTML 1Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 2Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 3Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 4Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 5Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 6Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 7Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 8Page - Texas Instruments TPS767D318-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS767D301Q1, TPS767D318Q1, TPS767D325Q1
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SGLS231 − FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
t − Time −
µs
LOAD TRANSIENT RESPONSE
1
0.5
60
40
20
80 100
140
120
160 180 200
0
VO = 3.3 V
CL =100 µF
TA = 25°C
0
0
50
100
−50
−100
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
VO = 3.3 V
CO = 10 µF
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 350 mV
at an output current of 1 A for the TPS767D325) and is directly proportional to the output current. Additionally,
since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent
of output loading (typically 85
µA over the full range of output current, 0 mA to 1 A). These two key specifications
yield a significant improvement in operating life for battery-powered systems. This LDO family also features a
sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current
to 1
µA at TJ = 25°C.
The RESET output of the TPS767D3xx initiates a reset in microcomputer and microprocessor systems in the
event of an undervoltage condition. An internal comparator in the TPS767D3xx monitors the output voltage of
the regulator to detect an undervoltage condition on the regulated output voltage.
The TPS767D3xx is offered in 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is specified as a maximum of 2%
over line, load, and temperature ranges. The TPS767D3xx family is available in 28 pin PWP TSSOP package.
They operate over a junction temperature range of −40
°C to 125°C.


Similar Part No. - TPS767D318-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D318-Q1 TI1-TPS767D318-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D318-Q1 TI1-TPS767D318-Q1 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D318-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com