Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS7107CPL Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # WS7107CPL
Description  3 1/2 Digit LCD/LED Display A/D Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS7107CPL Datasheet(HTML) 2 Page - Wing Shing Computer Components

  WS7107CPL Datasheet HTML 1Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 2Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 3Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 4Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 5Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 6Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 7Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 8Page - Wing Shing Computer Components WS7107CPL Datasheet HTML 9Page - Wing Shing Computer Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
Thermal Information
Supply Voltage
Thermal Resistance (typical, Note 2)
θJA(℃/W)
WS7106, V+ to V-…………………………….15v
PDIP Package……………………………………………. …… …………
50
WS7107, V+ to GND…………………….……6V
Maximum Junction Temperature…………………………………….. ………150℃
WS7107, V_ to GND……………………. ….-9V
Maximum Storage Temperature Range………………….………..-65℃ to 150℃
Analog Input Voltage (Either Input) (Note 1)V+ to V-
Reference Input Voltage (Either Input)V+ to V-
Clock Input
WS7106TEST to V+
WS7107GND to V+
Operating Conditions
Temperature Range…………………………0℃ to 70℃
CAUTION: Stresses above those listed in “absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
Of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Notes:
1. Input voltages may exceed the supply voltages provided the input current is limited to ±100µA
2. ΘJA Is measured with the component mounted on an evaluation PC on board in fee air.
Electrical specifications
(Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMACE
Zero Input Reading
VIN=0.0V, FULL Scale = 200mV
-000.0
±000.0
+000.0
Digital
Reading
Ratiometric Reading
VIN = VREF, VREF = 100mV
999
999/1000
1000
Digital
Reading
Rollover Error
-VIN=+VIN=200mV
Difference in Reading for Equal Positive and
Negative Inputs Near Full Scale
-1
0.2
+1
Counts
Linearity
Full Scale = 200mV or Full Scale = 2V Maximum
Deviation from Best Straight Line Fit (note 6)
-1
0.2
+1
Counts
Common Mode Rejection Ratio
VCM = 1V, VIN = 0V, Full Scale = 200mv(Note 6)
-
50
-
μ
V/V
End Power Supply Character V+ Supply Current
VIN = 0 (Does Not Include LED Current for WS7107
-
0.5
1.8
mA
End Power Supply Character V- Supply Current
WS7107 Only
-
0.5
1.8
mA
COMMON Pin Analog Common Voltage
25kΩ Between Common and Positive Supply (With
Respect to + Supply)
2.4
3.0
3.2
V
Noise (PK-PK Value not exceeded 95% of time)
VIN=0V Full Scale=200mV
15
uVP-P
Input Leakage Current
VIN=0V
1
10
pA
Analog COMMON Temperature Coefficient
25K between Common and V+ 0℃-70℃
60
75
ppm/℃
Scale Factor Temperature Coefficient
VIN=199mV 0℃-70℃Ext. ref. 0ppm/℃
60
75
ppm/℃
Zero Reading Drift
VIN=0℃V-70℃
0.2
1
uV/℃
DISPLAY DRIVER
WS7106 ONLY
Peak-to-Peak Segment Drive Voltage
Peak-to-Peak Backplane Drive Voltage
V+ = to V- = 9V (Note 5)
4
5
6
V
2
WS7106/WS710
7


Similar Part No. - WS7107CPL

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-1 ASM-SENSOR-WS7.0-10000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-10 ASM-SENSOR-WS7.0-10000-10 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-10000-5 ASM-SENSOR-WS7.0-10000-5 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS7.0-15000-1 ASM-SENSOR-WS7.0-15000-1 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
More results

Similar Description - WS7107CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
logo
Unisonic Technologies
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com