Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56606-43 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA56606-43
Description  CMOS system reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56606-43 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA56606-43 Datasheet HTML 1Page - NXP Semiconductors SA56606-43 Datasheet HTML 2Page - NXP Semiconductors SA56606-43 Datasheet HTML 3Page - NXP Semiconductors SA56606-43 Datasheet HTML 4Page - NXP Semiconductors SA56606-43 Datasheet HTML 5Page - NXP Semiconductors SA56606-43 Datasheet HTML 6Page - NXP Semiconductors SA56606-43 Datasheet HTML 7Page - NXP Semiconductors SA56606-43 Datasheet HTML 8Page - NXP Semiconductors SA56606-43 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
SA56606-XX
CMOS system reset
2
2001 Jun 19
885–2247 26559
GENERAL DESCRIPTION
The SA56606-XX is a CMOS device designed to generate a reset
signal for a variety of microprocessor and logic systems. Accurate
reset signals are generated during momentary power interruptions
or whenever power supply voltages sag to intolerable levels. An
Open Drain output topology is incorporated for adaptability to a wide
variety of logic and microprocessor applications. Several reset
threshold versions of the device are available.
The SA56606-XX is available in the SOT23-5 surface mount
package.
FEATURES
12 V
DC maximum operating voltage
CMOS N-channel Open Drain output
Offered in reset thresholds of
2.0, 2.7, 2.8, 2.9, 3.0, 3.1, 4.2, 4.3, 4.4, 4.5, 4.6, 4.7 VDC
Available in SOT23-5 surface mount package
APPLICATIONS
Microcomputer systems
Logic systems
Battery monitoring systems
Back-up power supply circuits
Voltage detection circuits
SIMPLIFIED SYSTEM DIAGRAM
SL01313
VDD
VSS
VREF
SA56606-XX
3
2
CPU
RESET
VDD
VSS
VOUT
1
VDD
VSS
R
R
R
RPU
Figure 1. Simplified system diagram.


Similar Part No. - SA56606-43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-43 PHILIPS-SA56606-43 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
More results

Similar Description - SA56606-43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-XX PHILIPS-SA56606-XX Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com