Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56606-43GW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA56606-43GW
Description  CMOS system reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56606-43GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA56606-43GW Datasheet HTML 4Page - NXP Semiconductors SA56606-43GW Datasheet HTML 5Page - NXP Semiconductors SA56606-43GW Datasheet HTML 6Page - NXP Semiconductors SA56606-43GW Datasheet HTML 7Page - NXP Semiconductors SA56606-43GW Datasheet HTML 8Page - NXP Semiconductors SA56606-43GW Datasheet HTML 9Page - NXP Semiconductors SA56606-43GW Datasheet HTML 10Page - NXP Semiconductors SA56606-43GW Datasheet HTML 11Page - NXP Semiconductors SA56606-43GW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product data
SA56606-XX
CMOS system reset
2001 Jun 19
9
Application information
SL01371
SA56606-XX
VDD
SUPPLY
GND
VDD
VSS
VOUT
RESET
CPU
RPU
Figure 14. Conventional reset application.
The Power ON Reset Circuit shown in Figure 15 is an example of
how to obtain a stable reset condition upon power-up. If the power
supply voltage rises abruptly, the RESET may go HIGH momentarily
when VDD is below the minimum operating voltage (0.95 V). To
overcome this, a resistor (R) is placed between positive supply and
the VDD pin with a capacitor from the VDD pin to ground.
SL01372
SA56606-XX
VDD
SUPPLY
GND
VDD
VSS
VOUT
RESET
CPU
RPU
D
C
R
Figure 15. Power ON reset circuit.
SL01373
SA56606-XX
OUTPUT
R12
R11
VSUPPLY
A
VDD
VSS
CURRENT CHANGES
RPU
Figure 16. High impedance supply operating problems.
Significant voltage variations of VDD may occur when the device is
operated from high impedance power sources. When the device
asserts or releases a reset, VDD variations are produced as a result
of the voltage drop developed across R11 due to the current
variations through the resistor R11 (representing the supply
impedance). If the VDD variations are large, such that they exceed
the Detection Hysteresis, the output of the device can oscillate from
a HIGH state to a LOW state. The user should avoid using high
impedance VDD sources to prevent such situations.


Similar Part No. - SA56606-43GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-43 PHILIPS-SA56606-43 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
More results

Similar Description - SA56606-43GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-XX PHILIPS-SA56606-XX Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com