Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56606-30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA56606-30
Description  CMOS system reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56606-30 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA56606-30 Datasheet HTML 2Page - NXP Semiconductors SA56606-30 Datasheet HTML 3Page - NXP Semiconductors SA56606-30 Datasheet HTML 4Page - NXP Semiconductors SA56606-30 Datasheet HTML 5Page - NXP Semiconductors SA56606-30 Datasheet HTML 6Page - NXP Semiconductors SA56606-30 Datasheet HTML 7Page - NXP Semiconductors SA56606-30 Datasheet HTML 8Page - NXP Semiconductors SA56606-30 Datasheet HTML 9Page - NXP Semiconductors SA56606-30 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
SA56606-XX
CMOS system reset
2001 Jun 19
6
SL01350
CL, OUTPUT LOAD CAPACITANCE (µF)
TAMB = 25 °C
(SEE FIGURES 10 AND 11)
105
104
103
102
101
10–5
10–4
10–3
10–2
10–1
tPHL
tPLH
Figure 9. Propagation delay versus output load C
SL01351
VS + 2.0 V
1.2 V
VSS
7.0 V
3.5 V
VSS
INPUT SIGNAL
OUTPUT SIGNAL
tPHL
tPLH
Figure 10. Propagation delay measurements
SL01322
SA56606-XX
VDD
VSS
INPUT
SIGNAL
RPU = 100 kΩ
CL = 10 pF to 0.1 µF
7.0 V
OUTPUT
VSS
Figure 11. Propagation delay measurement circuit


Similar Part No. - SA56606-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-30 PHILIPS-SA56606-30 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-30GW PHILIPS-SA56606-30GW Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
More results

Similar Description - SA56606-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com