Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6073-001-634R Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 6073-001-634R
Description  Glo-Lite Neon Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

6073-001-634R Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  6073-001-634R Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
Glo-Lite Neon Indicator Lights
SP ECIFIC A TIONS
Part Number:
6063-001-534R
6063-001-634R
6073-001-534R
6073-001-634R
As special order, these indicator lights are available with white, amber or green lenses
Description
Red, Flat Face, No Bezel
Red, Conical Face, No Bezel
Red, Flat Face, Chrome Bezel
Red, Conical Face, Chrome Bezel
Mounting Hole:
Mounting Centers:
Maximum Panel Thickness:
Housing/Lens Material:
Bezel (6073 Series only):
Wire Leads:
.375 for 6063 Series, .500 for 6073 Series
.500 for 6063 Series, .688 for 6073 Series
1.25 for 6063 Series, .078 for 6073 Series
Nylon
Chrome Plated Brass
22 AWG, black 105°C PVC Insulation, stranded
Electrical:
Approvals:
125 Volts AC, Built-in 30K ohm 1/4 Watt resistor
UL recognized, CSA certified
All dimensions
in inches.
The Chicago Miniature Lamp Glo-Lite Indicator Lights are designed for applications requiring a low cost, line voltage,
power-on indicator. These indicator lights utilize a high brightness C2A neon lamp providing good visibility and a long
life. These indicator lights are constructed with a one-piece body and lens and are available in two face configurations,
flat or conical, with or without a chrome bezel.
Ø.680
Ø.420
.300
1.31
10.0
1.47
.120
Ø.680
Ø.420
10.0
.230
Ø.420
1.35
10.0
Ø.420
.050
1.54
10.0
Flat Face
Conical Face
Flat face
Conical Face
6063 Series
6073 Series
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 6073-001-634R

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
   SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
logo
Visual Communications C...
6073 VCC-6073 Datasheet
67Kb / 1P
   Glo-Lite Neon Indicator Lights
logo
Heyco.
6073 HEYCO-6073 Datasheet
139Kb / 1P
   Heavy Duty Ring and Spade Terminals
logo
Molex Electronics Ltd.
60730B136 MOLEX11-60730B136 Datasheet
24Kb / 1P
   Barrel Form Punch
60730B138 MOLEX11-60730B138 Datasheet
27Kb / 1P
   Insulation Punch
More results

Similar Description - 6073-001-634R

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6063-001-534R VCC-6063-001-534R Datasheet
67Kb / 1P
   Glo-Lite Neon Indicator Lights
logo
Chicago Miniature Lamp,...
2150A CML-2150A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
   Neon-Incandescent Indicator Lights
1030D CML-1030D Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
   Neon-Incandescent Indicator Lights
1090QA CML-1090QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
1050QA VCC-1050QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
2150QA VCC-2150QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com