Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT574PWDH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT574PWDH
Description  3.3V Octal D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT574PWDH Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT574PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT574PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVT574
3.3V Octal D-type flip-flop (3-State)
1998 Feb 19
3
LOGIC SYMBOL (IEEE/IEC)
EN
C1
1D
SV00033
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
11
1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input
(active-low)
2, 3, 4, 5, 6, 7, 8, 9
D0-D7
Data inputs
19, 18, 17, 16, 15,
14, 13, 12
Q0-Q7
Data outputs
11
CP
Clock pulse input (active
rising edge)
10
GND
Ground (0V)
20
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING
OE
CP
Dn
REGISTER
Q0 – Q7
MODE
L
L
l
h
L
H
L
H
Load and read register
L
X
NC
NC
Hold
H
X
X
NC
Z
Disable outputs
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = not a Low-to-High clock transition
LOGIC DIAGRAM
19
CP Q
D
2
D0
Q0
CP Q
D
3
D1
CP Q
D
4
D2
CP Q
D
5
D3
CP Q
D
6
D4
CP Q
D
7
D5
CP Q
D
8
D6
CP Q
D
9
D7
Q1
18
Q2
17
Q3
16
Q4
15
Q5
14
Q6
13
Q7
12
11
CP
1
OE
SV00043


Similar Part No. - 74LVT574PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT574PW NXP-74LVT574PW Datasheet
108Kb / 16P
   3.3 V octal D-type flip-flop; 3-state
Rev. 04-11 September 2008
More results

Similar Description - 74LVT574PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT534 PHILIPS-74LVT534 Datasheet
100Kb / 12P
   3.3V Octal D-type flip-flop; inverting 3-State
1998 Feb 19
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
89Kb / 7P
   3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com