Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC646DW Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74AC646DW
Description  OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC646DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC74AC646DW Datasheet HTML 1Page - Motorola, Inc MC74AC646DW Datasheet HTML 2Page - Motorola, Inc MC74AC646DW Datasheet HTML 3Page - Motorola, Inc MC74AC646DW Datasheet HTML 4Page - Motorola, Inc MC74AC646DW Datasheet HTML 5Page - Motorola, Inc MC74AC646DW Datasheet HTML 6Page - Motorola, Inc MC74AC646DW Datasheet HTML 7Page - Motorola, Inc MC74AC646DW Datasheet HTML 8Page - Motorola, Inc MC74AC646DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5-1
FACT DATA
Octal Transceiver/Register with
3State Outputs (Noninverting)
The MC74AC646/74ACT646 consist of registered bus transceiver circuits,
with outputs, D-type flip-flops and control circuitry providing multiplexed transmission
of data directly from the input bus or from the internal storage registers. Data on the
A or B bus will be loaded into the respective registers on the LOW-to-HIGH transition
of the appropriate clock pin (CAB or CBA). The four fundamental data handling
functions available are illustrated in the following figures.
REAL TIME TRANSFER
A-BUS TO B-BUS
REAL TIME TRANSFER
B-BUS TO A-BUS
REG
REG
REG
REG
REG
REG
REG
REG
B-BUS
B-BUS
A-BUS
A-BUS
B-BUS
B-BUS
A-BUS
A-BUS
STORAGE
FROM BUS TO REGISTER
TRANSFER
FROM REGISTER TO BUS
Figure 1
Figure 2
Figure 3
Figure 4
• Independent Registers for A and B Buses
• Multiplexed Real-Time and Stored Data Transfers
• Choice of True and Inverting Data Paths
• 3-State Outputs
• 300 mil Slim Dual In-Line Package
• Outputs Source/Sink 24 mA
• ′ACT646 Has TTL Compatible Inputs
MC74AC646
MC74ACT646
OCTAL
TRANSCEIVER/REGISTER
WITH 3-STATE OUTPUTS
(NON-INVERTING)
N SUFFIX
CASE 724-03
PLASTIC
DW SUFFIX
CASE 751E-04
SOIC PACKAGE
LOGIC SYMBOL
A0 A1 A2 A3 A4 A5 A6 A7
B0 B1 B2 B3 B4 B5 B6 B7
CAB
SAB
DIR
CBA
SBA
G


Similar Part No. - MC74AC646DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC646DW ONSEMI-MC74AC646DW Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
MC74AC646DW ONSEMI-MC74AC646DW Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DW ONSEMI-MC74AC646DW Datasheet
154Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR ONSEMI-MC74AC646DWR Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC646DWR2 ONSEMI-MC74AC646DWR2 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results

Similar Description - MC74AC646DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
logo
NXP Semiconductors
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com