Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT74 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT74
Description  3.3V Dual D-type flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT74 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT74 Datasheet HTML 1Page - NXP Semiconductors 74LVT74 Datasheet HTML 2Page - NXP Semiconductors 74LVT74 Datasheet HTML 3Page - NXP Semiconductors 74LVT74 Datasheet HTML 4Page - NXP Semiconductors 74LVT74 Datasheet HTML 5Page - NXP Semiconductors 74LVT74 Datasheet HTML 6Page - NXP Semiconductors 74LVT74 Datasheet HTML 7Page - NXP Semiconductors 74LVT74 Datasheet HTML 8Page - NXP Semiconductors 74LVT74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT74
3.3V Dual D-type flip-flop
1996 Aug 28
5
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
VM
CPn
VM
VM
VM
VM
VM
VM
tsu(H)
th(H)
Dn
Qn
VM
tw(H)
1/fmax
tsu(L)
th(L)
VM
VM
tPLH
Qn
tw(L)
tPHL
tPHL
tPLH
SF00049
Waveform 1.
Propagation delay for data to output,
data setup time and hold times, and clock width,
and maximum clock frequency
VM
VM
RDn
VM
Qn
VM
VM
VM
tPLH
Qn
tw(L)
tPHL
tPHL
tPLH
SDn
VM
VM
tw(L)
SF00050
Waveform 2.
Propagation delay for set and reset to output,
set and reset pulse width
SDn or RDn
VM
VM
trec
CPn
SF00051
Waveform 3.
Recovery time for set or reset to clock
TEST CIRCUIT AND WAVEFORMS
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74LVT
2.7V
≤10MHz
500ns
≤2.5ns ≤2.5ns
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
Test Circuit for Outputs
RT
RL
SV00022


Similar Part No. - 74LVT74

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT00 PHILIPS-74LVT00 Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00D PHILIPS-74LVT00D Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00DB PHILIPS-74LVT00DB Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00PW PHILIPS-74LVT00PW Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
More results

Similar Description - 74LVT74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
209Kb / 8P
   Dual Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com