Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX50DTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX50DTR2
Description  HEX BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX50DTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX50DTR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX50DTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74LVX50
http://onsemi.com
5
Figure 3. Switching Waveforms
VCC
GND
50%
50% VCC
A
Y
tPHL
tPLH
*Includes all probe and jig capacitance
Figure 4. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 5. Input Equivalent Circuit
INPUT
EMBOSSED CARRIER DIMENSIONS (See Notes 9 and 10)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
8 mm
4.35 mm
(0.179”)
1.5 mm
+ 0.1
−0.0
(0.059”
0 004
1.0 mm
Min
(0.179”)
1.75 mm
±0.1
(0.069
±0.004”)
3.5 mm
±0.5
(1.38
±0.002”)
2.4 mm
Max
(0.094”)
4.0 mm
±0.10
(0.157
±0.004”)
4.0 mm
±0.1
(0.157
±0.004”)
2.0 mm
±0.1
(0.079
±0.004”)
25 mm
(0.98”)
0.6 mm
(0.024)
8.3 mm
(0.327)
12 mm
8.2 mm
(0.323”)
(
+0.004
−0.0)
1.5 mm
Min
(0.060)
)
5.5 mm
±0.5
(0.217
±0.002”)
6.4 mm
Max
(0.252”)
4.0 mm
±0.10
(0.157
±0.004”)
8.0 mm
±0.10
(0.315
±0.004”)
)
)
30 mm
(1.18”)
12.0 mm
±0.3
(0.470
±0.012”)
16 mm
12.1 mm
(0.476”)
7.5 mm
±0.10
(0.295
±0.004”)
7.9 mm
Max
(0.311”)
4.0 mm
±0.10
(0.157
±0.004”)
8.0 mm
±0.10
(0.315
±0.004”)
12.0 mm
±0.10
(0.472
±0.004”)
16.3 mm
(0.642)
24 mm
20.1 mm
(0.791”)
11.5 mm
±0.10
(0.453
±0.004”)
11.9 mm
Max
(0.468”)
16.0 mm
±0.10
(0.63
±0.004”)
24.3 mm
(0.957)
9. Metric Dimensions Govern−English are in parentheses for reference only.
10. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity


Similar Part No. - MC74LVX50DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX50DTR2G ONSEMI-MC74LVX50DTR2G Datasheet
180Kb / 11P
   Hex Buffer
May, 2011 ??Rev. 4
MC74LVX50DTR2G ONSEMI-MC74LVX50DTR2G Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results

Similar Description - MC74LVX50DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com