Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1105 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CNZ1105
Description  Photo Interrupter For contactless SW, object detection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CNZ1105 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CNZ1105 Datasheet HTML 1Page - Panasonic Semiconductor CNZ1105 Datasheet HTML 2Page - Panasonic Semiconductor CNZ1105 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CNZ1105
2
SHG00028BED
60
50
40
30
20
10
Ambient temperature T
a (°C )
0
20406080
100
0
−25
IF  VF
60
30
20
10
50
40
Forward voltage V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta
= 25°C
IC  IF
10
1
10−1
10−2
Forward current I
F (mA)
110
10 2
10−3
10−1
VCE = 10 V
Ta
= 25°C
VF  Ta
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C )
Ambient temperature T
a (°C )
040
80
0
−40
040
80
−40
040
80
−40
IC  VCE
10 2
10
1
10−1
Collector-emitter voltage V
CE (V)
110
10 2
10−2
10−1
VCC = 5 V
Ta
= 25°C
∆I
C  Ta
160
120
80
40
0
VCE = 10 V
IF = 20 mA
ICEO  Ta
10
10−2
1
10−3
10−1
Ambient temperature T
a (°C )
10−4
110
10−1
tr  IC
10
1
Collector current I
C (mA)
10−1
10−2
10 3
10 2
VCC = 10V
Ta
= 25°C
∆I
C  d
100
60
40
20
80
Distance d (mm)
12
6
5
4
3
0
0
IF , IC  Ta
IF
IC
10 mA
IF = 50 mA
VCE = 24 V
10 V
100
RL = 1 kΩ
500
Criterion
0
d


Similar Part No. - CNZ1105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1102 PANASONIC-CNZ1102 Datasheet
55Kb / 3P
   Photo Interrupters
CNZ1102 PANASONIC-CNZ1102 Datasheet
70Kb / 4P
   For contactless SW, object detection
CNZ1108 PANASONIC-CNZ1108 Datasheet
55Kb / 3P
   Photo Interrupters
CNZ1108 PANASONIC-CNZ1108 Datasheet
70Kb / 4P
   For contactless SW, object detection
More results

Similar Description - CNZ1105

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNA1012K PANASONIC-CNA1012K Datasheet
88Kb / 3P
   Photo lnterrupter For contactless SW, object detection
ON1102 PANASONIC-ON1102 Datasheet
70Kb / 4P
   For contactless SW, object detection
CNA1302K PANASONIC-CNA1302K Datasheet
97Kb / 4P
   Transmissive Photosensors (Photo lnterrupters) For contactless SW, object detection
CNA1014H PANASONIC-CNA1014H Datasheet
101Kb / 3P
   Photo Interrupter
CNZ1120 PANASONIC-CNZ1120 Datasheet
30Kb / 1P
   Photo Interrupter
CNA1007H PANASONIC-CNA1007H Datasheet
58Kb / 3P
   Photo Interrupter
CNA1301H PANASONIC-CNA1301H Datasheet
63Kb / 3P
   Photo Interrupter
logo
KODENSHI_AUK CORP.
KIT1001A KODENSHI-KIT1001A Datasheet
245Kb / 4P
   Photo Interrupter
KIT1018S KODENSHI-KIT1018S Datasheet
253Kb / 4P
   Photo Interrupter
KIT2009A KODENSHI-KIT2009A Datasheet
156Kb / 4P
   Photo Interrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com