Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT86PWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT86PWDH
Description  3.3V Quad 2-input exclusive-OR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT86PWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT86PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT86PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT86
3.3V Quad 2-input exclusive-OR gate
1996 Sep 10
5
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
VM
VM
VM
VOUT
VIN
tPLH
tPHL
SF00092
Waveform 1.
Propagation Delay for Non-Inverting Outputs
VM
VM
VM
VM
VOUT
VIN
tPHL
tPLH
SF00093
Waveform 2.
Propagation Delay for Inverting Outputs
TEST CIRCUIT AND WAVEFORMS
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)
tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74LVT
2.7V
≤10MHz
500ns
≤2.5ns ≤2.5ns
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
Test Circuit for Outputs
RT
RL
SV00022


Similar Part No. - 74LVT86PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT00 PHILIPS-74LVT00 Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00D PHILIPS-74LVT00D Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00DB PHILIPS-74LVT00DB Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT00PW PHILIPS-74LVT00PW Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
More results

Similar Description - 74LVT86PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com