Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F195N Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74F195N
Description  4-BIT PARALLEL ACCESS SHIFT REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F195N Datasheet(HTML) 3 Page - Motorola, Inc

  MC74F195N Datasheet HTML 1Page - Motorola, Inc MC74F195N Datasheet HTML 2Page - Motorola, Inc MC74F195N Datasheet HTML 3Page - Motorola, Inc MC74F195N Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-106
FAST AND LS TTL DATA
MC74F195
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
IIN = –18 mA
VCC = MIN
VOH
Output HIGH Voltage
74
2.5
V
IOH = –1.0 mA
VCC = 4.5 V
74
2.7
V
VCC = 4.75 V
VOL
Output LOW Voltage
0.5
V
IOL = 20 mA
VCC = 4.5 V
IIH
Input HIGH Current
20
µA
VIN = 2.7 V
VCC = MAX
100
VIN = 7.0 V
IIL
Input LOW Current
–0.6
mA
VCC = MAX
IOS
Output Short Circuit Current (Note 2)
–60
–150
mA
VOUT = 0 V
VCC = MAX
ICC
Power Supply Current
38
mA
VCC = MAX
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under guaranteed operating ranges.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS
54/74F
74F
TA = + 25°C
VCC = + 5.0 V
CL = 50 pF
TA = 0°C to + 70°C
VCC = 5.0 V ± 10%
CL = 50 pF
Symbol
Parameter
Min
Max
Min
Max
Unit
fmax
105
90
MHz
tPLH
Propagation Delay
2.5
7.0
2.5
8.0
ns
tPHL
CP to Q/Q
2.5
8.0
2.5
9.0
tPHL
Propagation Delay, MR to Q
3.0
10
3.0
11
ns
tPLH
Propagation Delay, MR to Q
3.0
10.5
3.0
11
ns


Similar Part No. - MC74F195N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
MC74F194D MOTOROLA-MC74F194D Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
MC74F194J MOTOROLA-MC74F194J Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
MC74F194N MOTOROLA-MC74F194N Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
More results

Similar Description - MC74F195N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com