Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHF93230 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHF93230
Description  RADIATION HARDENED POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF93230 Datasheet(HTML) 3 Page - International Rectifier

  IRHF93230 Datasheet HTML 1Page - International Rectifier IRHF93230 Datasheet HTML 2Page - International Rectifier IRHF93230 Datasheet HTML 3Page - International Rectifier IRHF93230 Datasheet HTML 4Page - International Rectifier IRHF93230 Datasheet HTML 5Page - International Rectifier IRHF93230 Datasheet HTML 6Page - International Rectifier IRHF93230 Datasheet HTML 7Page - International Rectifier IRHF93230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHF9230
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100KRads(Si)1
300K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-200
-200
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
-100
-100
nA
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
-25
-25
µA
VDS=-160V, VGS =0V
RDS(on)
Static Drain-to-Source
0.8
0.8
VGS = -12V, ID =-2.4A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
0.8
0.8
VGS = -12V, ID =-2.4A
On-State Resistance (TO-39)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part number IRHF9230 (JANSR2N7390)
2. Part number IRHF93230 (JANSF2N7390)
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
For footnotes refer to the last page
VSD
Diode Forward Voltage
-5.0
-5.0
V
VGS = 0V, IS = -4.0A
n
o
I
T
E
L
)
)
²
m
c
/
g
m
(
/
V
e
M
y
g
r
e
n
E
)
V
e
M
(
e
g
n
a
R
)
m
µ
(
)
V
(
S
D
V
V
0
=
S
G
V
@V
5
=
S
G
V
@V
0
1
=
S
G
V
@V
5
1
=
S
G
V
@V
0
2
=
S
G
V
@
u
C0
.
8
25
8
20
.
3
40
0
2
-0
0
2
-0
0
2
-0
0
2
-—
r
B8
.
6
35
0
30
.
9
30
0
2
-0
0
2
-5
2
1
-5
7
-—
-250
-200
-150
-100
-50
0
0
5
10
15
20
VGS
Cu
Br


Similar Part No. - IRHF93230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF93130 IRF-IRHF93130 Datasheet
128Kb / 8P
   TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
More results

Similar Description - IRHF93230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHNA57Z60 IRF-IRHNA57Z60 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRH7130 IRF-IRH7130 Datasheet
464Kb / 12P
   RADIATION HARDENED POWER MOSFET
IRHY57130CM IRF-IRHY57130CM Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com