Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355C-117AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1355C-117AC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355C-117AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1355C-117AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1355C-117AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PRELIMINARY
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. **
Page 5 of 33
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
DQPC
DQC
DQD
DQC
DQD
AA
A
A
NC / 18M
VDDQ
CE2
A
DQC
VDDQ
DQC
VDDQ
VDDQ
VDDQ
DQD
DQD
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
NC / 36M
NC / 72M
NC
VDDQ
VDDQ
VDDQ
AA
A
A
CE3
A
A
A
A
A
A
A0
A1
DQA
DQC
DQA
DQA
DQA
DQB
DQB
DQB
DQB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQB
VDD
DQC
DQC
DQC
VDD
DQD
DQD
DQD
DQD
ADV/LD
NC
CE1
OE
A
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPA
MODE
DQPD
DQPB
BWB
BWC
NC
VDD
NC
BWA
NC
CEN
BWD
ZZ
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQB
DQB
DQB
DQB
AA
A
A
NC / 18M
VDDQ
CE2
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
NC / 72M
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
A
NC / 36M
A
A
CE3
A
A
A
A
A
A
A0
A1
DQA
DQB
NC
NC
DQA
NC
DQA
DQA
NC
NC
DQA
NC
DQA
NC
DQA
NC
DQA
VDD
NC
DQB
NC
VDD
DQB
NC
DQB
NC
ADV/LD
NC
CE1
OE
A
WE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPB
DQPA
VSS
BWB
NC
VDD
NC
BWA
NC
CEN
VSS
ZZ
CY7C1357C (512K x 18)
CY7C1355C (256K x 36)
119-ball BGA (3 Chip Enables with JTAG)


Similar Part No. - CY7C1355C-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C-100AXC CYPRESS-CY7C1355C-100AXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C-100AXC CYPRESS-CY7C1355C-100AXC Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C-100AXI CYPRESS-CY7C1355C-100AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C-100AXI CYPRESS-CY7C1355C-100AXI Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1355C-100BGC CYPRESS-CY7C1355C-100BGC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1355C-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com