Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C575EBAA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P80C575EBAA
Description  80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C575EBAA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P80C575EBAA Datasheet HTML 7Page - NXP Semiconductors P80C575EBAA Datasheet HTML 8Page - NXP Semiconductors P80C575EBAA Datasheet HTML 9Page - NXP Semiconductors P80C575EBAA Datasheet HTML 10Page - NXP Semiconductors P80C575EBAA Datasheet HTML 11Page - NXP Semiconductors P80C575EBAA Datasheet HTML 12Page - NXP Semiconductors P80C575EBAA Datasheet HTML 13Page - NXP Semiconductors P80C575EBAA Datasheet HTML 14Page - NXP Semiconductors P80C575EBAA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Philips Semiconductors
Product specification
80C575/83C575/
87C575
80C51 8-bit microcontroller family
8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
11
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
––
CCON
(D8H)
CH
CL
OVERFLOW
INTERRUPT
16–BIT UP COUNTER
IDLE
TO PCA
MODULES
CMOD
(D9H)
CIDL
WDTE
––
––
––
CPS1
CPS0
ECF
OSC/12
OSC/4
TIMER 0
OVERFLOW
EXTERNAL INPUT
(P1.2/ECI)
DECODE
00
01
10
11
SU00033
Figure 3. PCA Timer/Counter
MODULE 0
MODULE 1
MODULE 2
MODULE 3
MODULE 4
PCA TIMER/COUNTER
CF
CR
CCF4
CCF3
CCF2
CCF1
CCF0
––
CMOD.0
ECF
CCAPMn.0
ECCFn
TO
INTERRUPT
PRIORITY
DECODER
CCON
(D8H)
IE.6
EC
IE.7
EA
SU00034
Figure 4. PCA Interrupt System


Similar Part No. - P80C575EBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C51 PHILIPS-P80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
logo
Intel Corporation
P80C51BH INTEL-P80C51BH Datasheet
284Kb / 21P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
P80C51FA ROCHESTER-P80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
NXP Semiconductors
P80C51FA-4A PHILIPS-P80C51FA-4A Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P80C51FA-4B PHILIPS-P80C51FA-4B Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

Similar Description - P80C575EBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
8XC54 PHILIPS-8XC54 Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
NXP Semiconductors
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com