Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F646BSDMSAMQB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F646BSDMSAMQB
Description  Octal Transceiver/Register with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F646BSDMSAMQB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 74F646BSDMSAMQB Datasheet HTML 3Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 4Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 5Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 6Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 7Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 8Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 9Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 10Page - National Semiconductor (TI) 74F646BSDMSAMQB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
’F646’F648
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
90
75
90
MHz
tPLH
Propagation Delay
20
70
20
85
20
80
ns
tPHL
Clock to Bus
20
80
20
95
20
90
tPLH
Propagation Delay
10
70
10
80
10
75
ns
tPHL
Bus to Bus (’F646)
10
65
10
80
10
70
tPLH
Propagation Delay
20
85
10
100
20
90
ns
tPHL
Bus to Bus (’F648)
10
75
10
90
10
80
tPLH
Propagation Delay
20
85
20
110
20
95
ns
tPHL
SBA or SAB to A or B
20
80
20
100
20
90
tPZH
Enable Time
20
85
20
100
20
90
ns
tPZL
OE to A or B
20
120
20
135
20
125
tPHZ
Disable Time
10
75
10
90
10
85
ns
tPLZ
OE to A or B
20
90
20
110
20
95
tPZH
Enable Time
20
140
20
160
20
150
ns
tPZL
DIR to A or B
20
130
20
150
20
140
tPHZ
Disable Time
10
90
10
100
10
95
ns
tPLZ
DIR to A or B
20
110
20
120
20
115
’F646’F648
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
50
50
50
ns
ts(L)
Bus to Clock
50
50
50
th(H)
Hold Time HIGH or LOW
20
25
20
ns
th(L)
Bus to Clock
20
25
20
tw(H)
Clock Pulse Width
50
50
50
ns
tw(L)
HIGH or LOW
50
50
50
7


Similar Part No. - 74F646BSDMSAMQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F646BSC FAIRCHILD-74F646BSC Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74F646BSPC FAIRCHILD-74F646BSPC Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74F646BSDMSAMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
   Octal Transceiver/Register with TRI-STATE Outputs
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com