Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68750 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M68750
Description  144-148MHz, 12.5V, 27W, FM MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68750 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M68750 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68750 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144-148MHz, 12.5V, 27W, FM MOBILE RADIO
M68750
MITSUBISHI RF POWER MODULE
Nov. ´97
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY,
INPUT VSWR VS. FREQUENCY
FREQUENCY f (MHz)
100
80
60
40
20
0
135
140
145
155
INPUT POWER Pin (mW)
150
350
50
40
30
20
10
0
0
400
OUTPUT POWER, EACH CURRENT
VS. 1st. SUPPLY VOLTAGE
1st. SUPPLY VOLTAGE VCC1 (V)
150
OUTPUT POWER, 2nd. CURRENT
VS. 2nd. SUPPLY VOLTAGE
2nd. SUPPLY VOLTAGE VCC2 (V)
70
60
10
2
6
8
10
14
0
18
4
0
6
1
0
45
35
25
5
15
90
70
30
50
10
200 250 300
50 100
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
5
4
3
2
1
0
40
30
20
10
0
45
35
25
5
15
4.5
3.5
1.5
2.5
0.5
50
ICC2
ICC1
6
14
0
8
10
12
2
4
4
3
2
1
0
PO
40
30
20
10
0
45
35
25
5
15
50
ICC2
5
16
12
50
40
30
20
5
4
3
2
7
1
2
3
4
PO
ηT
VCC1=VCC2=12.5V
Pin=200mW
ZG=ZL=50
PO
ICC2
f=146MHz, VCC1=12.5V
ZG=ZL=50
PO
f=146MHz, VCC2=12.5V
ZG=ZL=50
ICC1
f=146MHz
VCC1=VCC2=12.5V
ZG=ZL=50
ρin


Similar Part No. - M68750

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68751R MITSUBISHI-M68751R Datasheet
19Kb / 1P
   430-450MHz, 12.5V, 27W FM MOBILE RADIO
M68757H MITSUBISHI-M68757H Datasheet
29Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 896-941MHz, 3W FM PORTABLE RADIO
M68757L MITSUBISHI-M68757L Datasheet
29Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 806-870MHz, 3W, FM PORTABLE RADIO
More results

Similar Description - M68750

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57715R MITSUBISHI-M57715R Datasheet
41Kb / 1P
   144-148MHz 12.5V,13W,FM MOBILE RADIO??????
M57726R MITSUBISHI-M57726R Datasheet
43Kb / 1P
   144-148MHz 12.5V,43W,FM MOBILE RADIO???????
M57726 MITSUBISHI-M57726 Datasheet
120Kb / 3P
   144-148MHz 12.5V,43W,FM MOBILE RADIO??????
M57737 MITSUBISHI-M57737 Datasheet
144Kb / 3P
   144-148MHz 12.5V,30W,FM MOBILE RADIO?????????
M57747 MITSUBISHI-M57747 Datasheet
118Kb / 3P
   144-148MHz, 12.5V, 13W, FM MOBILE RADIO
M67746 MITSUBISHI-M67746 Datasheet
24Kb / 2P
   144-148MHz, 12.5V, 60W, FM MOBILE RADIO
M57713 MITSUBISHI-M57713 Datasheet
143Kb / 3P
   144-148MHz 12.5V,17W,SSB MOBILE RADIO????
M67727 MITSUBISHI-M67727 Datasheet
45Kb / 1P
   144-148MHz,12.5V,60W, SSB MOBILE RADIO?
M57727 MITSUBISHI-M57727 Datasheet
123Kb / 3P
   144-148MHz 12.5V,37W,SSB MOBILE RADIO???????
M68751R MITSUBISHI-M68751R Datasheet
19Kb / 1P
   430-450MHz, 12.5V, 27W FM MOBILE RADIO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com