Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C552EBB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P80C552EBB
Description  Single-chip 8-bit microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C552EBB Datasheet(HTML) 2 Page - NXP Semiconductors

  P80C552EBB Datasheet HTML 1Page - NXP Semiconductors P80C552EBB Datasheet HTML 2Page - NXP Semiconductors P80C552EBB Datasheet HTML 3Page - NXP Semiconductors P80C552EBB Datasheet HTML 4Page - NXP Semiconductors P80C552EBB Datasheet HTML 5Page - NXP Semiconductors P80C552EBB Datasheet HTML 6Page - NXP Semiconductors P80C552EBB Datasheet HTML 7Page - NXP Semiconductors P80C552EBB Datasheet HTML 8Page - NXP Semiconductors P80C552EBB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM
2
1998 Aug 13
DESCRIPTION
The 80C552/83C552 (hereafter generically
referred to as 8XC552) Single-Chip 8-Bit
Microcontroller is manufactured in an
advanced CMOS process and is a derivative
of the 80C51 microcontroller family. The
8XC552 has the same instruction set as the
80C51. Three versions of the derivative exist:
83C552—8k bytes mask programmable
ROM
80C552—ROMless version of the 83C552
87C552—8k bytes EPROM (described in a
separate chapter)
The 8XC552 contains a non-volatile 8k
× 8
read-only program memory (83C552), a
volatile 256
× 8 read/write data memory, five
8-bit I/O ports, one 8-bit input port, two 16-bit
timer/event counters (identical to the timers of
the 80C51), an additional 16-bit timer coupled
to capture and compare latches, a 15-source,
two-priority-level, nested interrupt structure,
an 8-input ADC, a dual DAC pulse width
modulated interface, two serial interfaces
(UART and I2C-bus), a “watchdog” timer and
on-chip oscillator and timing circuits. For
systems that require extra capability, the
8XC552 can be expanded using standard
TTL compatible memories and logic.
In addition, the 8XC552 has two software
selectable modes of power reduction—idle
mode and power-down mode. The idle mode
freezes the CPU while allowing the RAM,
timers, serial ports, and interrupt system to
continue functioning. The power-down mode
saves the RAM contents but freezes the
oscillator, causing all other chip functions to
be inoperative.
The device also functions as an arithmetic
processor having facilities for both binary and
BCD arithmetic plus bit-handling capabilities.
The instruction set consists of over 100
instructions: 49 one-byte, 45 two-byte, and
17 three-byte. With a 16MHz (24MHz)
crystal, 58% of the instructions are executed
in 0.75
µs (0.5µs) and 40% in 1.5µs (1µs).
Multiply and divide instructions require 3
µs
(2
µs).
FEATURES
80C51 central processing unit
8k × 8 ROM expandable externally to 64k
bytes
ROM code protection
An additional 16-bit timer/counter coupled
to four capture registers and three compare
registers
Two standard 16-bit timer/counters
256 × 8 RAM, expandable externally to 64k
bytes
Capable of producing eight synchronized,
timed outputs
A 10-bit ADC with eight multiplexed analog
inputs
Two 8-bit resolution, pulse width
modulation outputs
Five 8-bit I/O ports plus one 8-bit input port
shared with analog inputs
LOGIC SYMBOL
I2C-bus serial I/O port with byte oriented
master and slave functions
Full-duplex UART compatible with the
standard 80C51
On-chip watchdog timer
Three speed ranges:
– 3.5 to 16MHz
– 3.5 to 24MHz (ROM, ROMless only)
– 3.5 to 30MHz (ROM, ROMless only)
Three operating ambient temperature
ranges:
– P83C552xBx: 0
°C to +70°C
– P83C552xFx: –40
°C to +85°C
(XTAL frequency max. 24 MHz)
– P83C552xHx: –40
°C to +125°C
(XTAL frequency max. 16 MHz)
ADC0-7
CMT0
CMT1
CMSR0-5
RST
EW
XTAL1
XTAL2
EA
ALE
PSEN
AVref+
AVref–
STADC
PWM0
PWM1
LOW ORDER
ADDRESS AND
DATA BUS
CT0I
CT1I
CT2I
CT3I
T2
RT2
SCL
SDA
RxD/DATA
TxD/CLOCK
INT0
INT1
T0
T1
WR
RD
VSS
VDD
AVSS
AVDD
HIGH ORDER
ADDRESS AND
DATA BUS


Similar Part No. - P80C552EBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C552EBB PHILIPS-P80C552EBB Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
More results

Similar Description - P80C552EBB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com