Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C851IBA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P83C851IBA
Description  CMOS single-chip 8-bit microcontroller with on-chip EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C851IBA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P83C851IBA Datasheet HTML 4Page - NXP Semiconductors P83C851IBA Datasheet HTML 5Page - NXP Semiconductors P83C851IBA Datasheet HTML 6Page - NXP Semiconductors P83C851IBA Datasheet HTML 7Page - NXP Semiconductors P83C851IBA Datasheet HTML 8Page - NXP Semiconductors P83C851IBA Datasheet HTML 9Page - NXP Semiconductors P83C851IBA Datasheet HTML 10Page - NXP Semiconductors P83C851IBA Datasheet HTML 11Page - NXP Semiconductors P83C851IBA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Philips Semiconductors
Product specification
80C851/83C851
CMOS single-chip 8-bit microcontroller
with on-chip EEPROM
1998 Jul 03
8
ECNTRL0
76
5432
1
0
ECNTRL1
ECNTRL2
ECNTRL3
– –
EWP
EEINT
IFE
Bit
Symbol
Function
ECNTRL.7
IFE
Active high EEPROM interrupt flag: set by the sequencer or by software;
reset by software.
When set and enabled, this flag forces an interrupt to the same vector as the
serial port interrupt (see Interrupt section).
ECNTRL.6
EEINT
EEPROM interrupt enable: set and reset by software (active high).
ECNTRL.5
EWP
Erase/write in progress flag: set and reset by the sequencer (active high).
When EWP is set, access to the EEPROM is not possible. EWP cannot be set or
reset by software.
ECNTRL.4
Reserved.
ECCTRL.3–
See table below.
ECNTRL.0
Operation
ECNTRL.3
ECNTRL.2
ECNTRL.1
ECNTRL.0
Byte mode
Row erase
Page write*
Page erase/write*
block erase
0
1
1
0
1
0
0
0
1
0
0
0
Byte mode:
Normal EEPROM mode, default mode after reset. In this mode, data can be read and
written to one byte at a time.
Read mode:
This is the default mode when byte mode is selected. This means that the contents of the
addressed byte are available in the data register.
Write mode:
This mode is activated by writing to the data register. The address register must be loaded
first. Since the old contents are read first (by default), this allows the sequencer to decide
whether an erase/write or write cycle only (data = 00H) is required.
Row erase:
In this mode, the addressed row is cleared. The three LSBs of EADRL are not significant,
i.e. the 8 bytes addressed by EADRL are cleared in the same time normally needed to clear
one byte (tROWERASE = tE = tW). For the following write modes, only the write and not the
erase/write cycle is required. For example, using the row erase mode, programming 8 bytes
takes tTOTOAL = tE + 8 × tW compared to tTOTAL = 8 × tE + 8 × tW (tE = tERASE ⋅ tW = tWRITE).
Page write:
For future products.
Page erase/write:
For future products.
Block erase:
In this mode all 256 bytes are cleared. The byte containing the security bits is also cleared.
tBLOCKERASE = tE. The contents of EADRH, EADRL and EDAT are insignificant.
*Future products.
Figure 2.
Control Register (ECNTRL)
Program Sequences and Register Contents after Reset
The contents of the EEPROM registers after a Reset are the default values:
EADRH
= 1xxxxxxxB
(security bit address)
EADRL
= 00H
(security bit address)
ETIM
= 08H
(minimum erase time with the lowest permissible oscillator frequency)
ECNTRL
= 00H
(Byte mode, read)
EDAT
= xxH
(security bit)
Initialize:
MOV ETIM, ..
MOV EADRH, ..
Read:
MOV EADRL, ..
MOV .., EDAT
Write:
MOV EADRL, ..
MOV EDAT, ..
Erase row:
MOV EADRL, ..
Row address. 3LSBs don’t care
MOV ECNTRL, #0CH
Erase row mode
MOV EDAT, ..
(EDAT) don’t care
Erase block: MOV ECNTRL, 0AH
Erase block mode
MOV EDAT, ..
(EDAT) don’t care
If the security bit is to be altered, the program generally starts as follows:
MOV EADRH, #80H
MOV EADRL, #00H


Similar Part No. - P83C851IBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C834 PHILIPS-P83C834 Datasheet
165Kb / 36P
   8-bit microcontrollers with LCD-driver
1997 Jul 03
P83C834CFP PHILIPS-P83C834CFP Datasheet
165Kb / 36P
   8-bit microcontrollers with LCD-driver
1997 Jul 03
P83C845BBP PHILIPS-P83C845BBP Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
P83C880 PHILIPS-P83C880 Datasheet
422Kb / 84P
   80C51 type core
1997 Dec 12
More results

Similar Description - P83C851IBA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C515 SIEMENS-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
logo
Hynix Semiconductor
GMS87C1102 HYNIX-GMS87C1102 Datasheet
1Mb / 80P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Mitsubishi Electric Sem...
M37640E8 MITSUBISHI-M37640E8 Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
logo
NXP Semiconductors
80C528 PHILIPS-80C528 Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com