Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C750 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 83C750
Description  80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C750 Datasheet(HTML) 5 Page - NXP Semiconductors

  83C750 Datasheet HTML 1Page - NXP Semiconductors 83C750 Datasheet HTML 2Page - NXP Semiconductors 83C750 Datasheet HTML 3Page - NXP Semiconductors 83C750 Datasheet HTML 4Page - NXP Semiconductors 83C750 Datasheet HTML 5Page - NXP Semiconductors 83C750 Datasheet HTML 6Page - NXP Semiconductors 83C750 Datasheet HTML 7Page - NXP Semiconductors 83C750 Datasheet HTML 8Page - NXP Semiconductors 83C750 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
83C750/87C750
80C51 8-bit microcontroller family
1K/64 OTP/ROM, low pin count
1998 May 01
5
POWER-DOWN MODE
In the power-down mode, the oscillator is stopped and the
instruction to invoke power-down is the last instruction executed.
Only the contents of the on-chip RAM are preserved. A hardware
reset is the only way to terminate the power-down mode. the control
bits for the reduced power modes are in the special function register
PCON.
Table 1.
External Pin Status During Idle and
Power-Down Modes
MODE
Port 0
Port 1
Port 2
Idle
Data
Data
Data
Power-down
Data
Data
Data
DIFFERENCES BETWEEN THE 8XC750 AND THE
80C51
Program Memory
On the 8XC750, program memory is 1024 bytes long and is not
externally expandable, so the 80C51 instructions MOVX, LJMP, and
LCALL are not implemented. The only fixed locations in program
memory are the addresses at which execution is taken up in
response to reset and interrupts, which are as follows:
Program Memory
Event
Address
Reset
000
External INT0
003
Counter/timer 0
00B
External INT1
013
Counter/Timer Subsystem
Timer/Counter
The 8XC750 has one timers: a 16-bit timer/counter. The 16-bit
timer/counter’s operation is similar to mode 2 operation on the
80C51, but is extended to 16 bits. The timer/counter is clocked by
either 1/12 the oscillator frequency or by transitions on the T0 pin.
The C/T pin in special function register TCON selects between
these two modes. When the TCON TR bit is set, the timer/counter is
enabled. Register pair TH and TL are incremented by the clock
source. When the register pair overflows, the register pair is
reloaded with the values in registers RTH and RTL. The value in the
reload registers is left unchanged. See the 83C750 counter/timer
block diagram in Figure 1. The TF bit in special function register
TCON is set on counter overflow and, if the interrupt is enabled, will
generate an interrupt.
TCON Register
MSB
LSB
GATE
C/T
TF
TR
IE0
IT0
IE1
IT1
GATE
1 – Timer/counter is enabled only when INT0 pin is high,
and TR is 1.
0 – Timer/counter is enabled when TR is 1.
C/T
1 – Counter/timer operation from T0 pin.
0 – Timer operation from internal clock.
TF
1 – Set on overflow of TH.
0 – Cleared when processor vectors to interrupt routine
and by reset.
TR
1 – Timer/counter enabled.
0 – Timer/counter disabled.
IE0
1 – Edge detected in INT0.
IT0
1 – INT0 is edge triggered.
0 – INT0 is level sensitive.
IE1
1 – Edge detected on INT1.
IT1
1 – INT1 is edge triggered.
0 – INT1 is level sensitive.
These flags are functionally identical to the corresponding 80C51
flags, except that there is only one timer on the 83C750 and the
flags are therefore combined into one register.
Note that the positions of the IE0/IT0 and IE1/IT1 bits are
transposed from the positions used in the standard 80C51 TCON
register.
Interrupt Subsystem – Fixed Priority
The IP register and the 2-level interrupt system of the 80C51 are
eliminated. Simultaneous interrupt conditions are resolved by a
single-level, fixed priority as follows:
Highest priority:
Pin INT0
Counter/timer flag 0
Pin INT1
Special Function Register Addresses
Special function registers for the 8XC750 are identical to those of
the 80C51, except for the changes listed below:
80C51 special function registers not present in the 8XC750 are
TMOD (89), P2 (A0) and IP (B8). The 80C51 registers TH1 and TL1
are replaced with the 87C750 registers RTH and RTL respectively
(refer to Table 2).
OSC
÷ 12
TL
TH
TF
RTL
RTH
T0 Pin
TR
Gate
INT0 Pin
Int.
C/T = 0
C/T = 1
Reload
SU00300
Figure 1.
83C751 Counter/Timer Block Diagram


Similar Part No. - 83C750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C750 PHILIPS-83C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results

Similar Description - 83C750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com