Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0553-6500-17 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0553-6500-17
Description  T1/CEPT Single Line Interface Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0553-6500-17 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0553-6500-17 Datasheet HTML 1Page - Bel Fuse Inc. 0553-6500-17 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc.
Specifications subject to change without notice. 05.00
TM00109
T1-19
HIGH FREQUENCY MAGNETICS
T1/CEPT Single Line Interface Transformers
SCHEMATICS
Designed to meet the stringent demands of high density
designs
0553-6500-17*
0553-6500-21
0553-6500-18
0553-6500-20
ELECTRICAL SPECIFICATIONS at 25° C
0553-6500-19
10
8
6
1
3
Primary
Secondary
5
10
6
1
Primary
Secondary
5
Minimum interwinding breakdown voltage of 3000 Vrms
* 1 : 1.26 (6 - 10 : 1 - 5)
1 : 1
(6 - 10 : 3 - 5)
10
6
1
3
Primary
Secondary
5
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
R
C
D
x
a
m
d
e
d
n
e
t
x
E
p
m
e
T
i
r
P
i
r
P
c
e
S
C
°
5
8
o
t
C
°
0
4
-
7
1
-
0
0
5
6
-
3
5
5
06
2
.
1
:
1
:
10
5
.
10
6
.
05
30
7
.
00
1
.
1s
e
Y
8
1
-
0
0
5
6
-
3
5
5
0T
C
2
:
T
C
10
2
.
15
5
.
00
30
7
.
00
1
.
1s
e
Y
9
1
-
0
0
5
6
-
3
5
5
01
:
10
2
.
10
5
.
00
30
7
.
00
7
.
0o
N
0
2
-
0
0
5
6
-
3
5
5
0T
C
2
:
T
C
10
2
.
10
5
.
00
30
7
.
00
1
.
1o
N
1
2
-
0
0
5
6
-
3
5
5
0T
C
6
3
.
1
:
10
2
.
10
6
.
05
30
7
.
00
9
.
0o
N
2
2
-
0
0
5
6
-
3
5
5
02
:
1
:
10
8
.
00
5
.
05
20
7
.
00
7
.
0o
N
3
2
-
0
0
5
6
-
3
5
5
08
5
.
1
:
T
C
10
8
.
00
7
.
08
10
7
.
00
5
.
0o
N
4
2
-
0
0
5
6
-
3
5
5
01
:
T
C
3
:
T
C
10
6
.
00
8
.
00
30
7
.
00
7
.
1s
e
Y


Similar Part No. - 0553-6500-17

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS ENHANCED 3000VRMS ISOLATION
More results

Similar Description - 0553-6500-17

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1541 PCA-EPR1541 Datasheet
47Kb / 1P
   T1/CEPT Line Interface Transformers
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
A553-0013-00 BEL-A553-0013-00 Datasheet
118Kb / 2P
   T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
logo
Nuvotem Talema
19649 TALEMA-19649 Datasheet
38Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
19794 TALEMA-19794 Datasheet
41Kb / 1P
   E1/T1/PRI/CEPT Single Interface Transformers
logo
Rhombus Industries Inc.
T-14700 RHOMBUS-IND-T-14700 Datasheet
46Kb / 1P
   Single T1/CEPT Transformers
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-04 BEL-S553-0013-04 Datasheet
69Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-3855-02 BEL-S553-3855-02_1 Datasheet
42Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com