Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C754 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 83C754
Description  80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C754 Datasheet(HTML) 2 Page - NXP Semiconductors

  83C754 Datasheet HTML 1Page - NXP Semiconductors 83C754 Datasheet HTML 2Page - NXP Semiconductors 83C754 Datasheet HTML 3Page - NXP Semiconductors 83C754 Datasheet HTML 4Page - NXP Semiconductors 83C754 Datasheet HTML 5Page - NXP Semiconductors 83C754 Datasheet HTML 6Page - NXP Semiconductors 83C754 Datasheet HTML 7Page - NXP Semiconductors 83C754 Datasheet HTML 8Page - NXP Semiconductors 83C754 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Preliminary specification
83C754/87C754
80C51 8-bit microcontroller family
4K/256 OTP/ROM, DAC, comparator, UART, reference
2
1998 Apr 23
DESCRIPTION
The Philips 83C754/87C754 offers many of the advantages of the
80C51 architecture in a small package and at low cost.
The 8XC754 Microcontroller is fabricated with Philips high-density
CMOS technology. Philips epitaxial substrate minimizes CMOS
latch-up senitivity.
The 8XC754 contains a 4k
× 8 ROM (83C754) EPROM (87C754), a
single module PCA, a 256
× 8 RAM, 11 I/O lines, two 16-bit
counter/timers, a two-priority level interrupt structure, a full duplex
serial channel, an on-chip oscillator, and an 8-bit D/A converter.
The EPROM version of this device, the 87C754, is available in
plastic one-time programmable (OTP) packages. Once the array
has been programmed, it ifs functionally equivalent to the masked
ROM 83C754. Thus, unless explicitly stated otherwise, all
references made to the 87C754 apply equally to the 83C754.
The 8XC754 supports two power reduction modes of operation
referred to as the idle mode and the power-down mode.
FEATURES
Available in erasable quartz lid or One-Time Programmable plastic
packages
80C51-based architecture
Small package sizes – 28-pin SSOP
Wide oscillator frequency range
Power control modes:
– Idle mode
– Power-down mode
4k × 8 ROM (83C754)
EPROM (87C754)
256 × 8 RAM
Two 16-bit auto reloadable counter/timers
Single module PCA counter/timer
Full duplex serial channel
Boolean processor
CMOS and TTL compatible
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
RxD/T0/P3.4/D4
TxD/T1/P3.5/D5
ECI/P3.6/D6
INT1/P3.7/D7
RST
X2
X1
VSS
ZIN/A2/A10
YIN/A3/A11
XIN/A4
P3.3/D3
P3.2/D2
P3.1/D1
P3.0/D0
INT0/P1.0/A0/A8
CEX/P1.1/A1/A9
VCC
XYDAC/A7
VPP/P1.2
ZDAC/ASEL
XYSOURCE/A6
XYDACBIAS/PGM
XYZRAMP/A5
13
16 VREG
AVSS
14
15 DECOUPLE
AVCC
SU00665D
CERAMIC
DUAL
IN-LINE
PACKAGE
AND
PLASTIC
SHRINK
SMALL
OUTLINE
PACKAGE
PART NUMBER SELECTION
ROM
EPROM1
TEMPERATURE RANGE
°C
AND PACKAGE
FREQUENCY
DRAWING
NUMBER
P83C754EBD DB
P87C754EBD DB
OTP
0 to +70, 28-pin Shrink Small Outline Package
3.5 to 16MHz
SOT341-1
NOTE:
1. OTP = One Time Programmable EPROM. UV = UV Erasable EPROM.


Similar Part No. - 83C754

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C750 PHILIPS-83C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
More results

Similar Description - 83C754

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com