Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0560-6100-40 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0560-6100-40
Description  ADSL Magnetics Lucent
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0560-6100-40 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0560-6100-40 Datasheet HTML 1Page - Bel Fuse Inc. 0560-6100-40 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
ADSL Magnetics
©2001 Bel Fuse Inc. Specifications subject to change without notice. 06.01
page 2
Lucent
TM01339
MECHANICAL
0560-6100-40
Dimensions are in inches (millimeters).
Standard dimension tolerance is ±0.005 (0.13) unless otherwise noted.
0.370
(9.40)
max
0.420
(10.67)
max
3
1
4
4
6
0.095
(2.41)
0.100
(2.54)
0.400
(10.16)
max
0.134 ±0.012
(3.40 ±0.3)
0.035 (0.9) X 0.012 (0.3)
Solder Plated
0.020 (0.51) SQ.,
Solder Plated
0.100
(2.54)
0.200
(5.08)


Similar Part No. - 0560-6100-40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
More results

Similar Description - 0560-6100-40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6100-85 BEL-S560-6100-85 Datasheet
46Kb / 2P
   ADSL Magnetics Lucent
0560-6600-N6 BEL-0560-6600-N6 Datasheet
93Kb / 2P
   ADSL Magnetics Lucent
S560-6600-96 BEL-S560-6600-96 Datasheet
62Kb / 2P
   ADSL Magnetics Lucent WildWire 5V ADSL CPE
2818C BEL-2818C Datasheet
40Kb / 2P
   ADSL Magnetics Lucent WildWire 12V/5V ADSL CPE
0560-6600-B1 BEL-0560-6600-B1 Datasheet
62Kb / 2P
   ADSL Magnetics Lucent WildWire 12V ADSL Full Rate CO
logo
Nuvotem Talema
AEP600-T TALEMA-AEP600-T Datasheet
43Kb / 1P
   ADSL Transformers for Lucent Chipsets
logo
Bel Fuse Inc.
0560-6100-A2 BEL-0560-6100-A2 Datasheet
46Kb / 2P
   ADSL Magnetics
S560-6600-ET BEL-S560-6600-ET Datasheet
72Kb / 2P
   ADSL MAGNETICS
S560-6600-JY BEL-S560-6600-JY Datasheet
80Kb / 2P
   ADSL MAGNETICS
S560-6600-KD BEL-S560-6600-KD Datasheet
77Kb / 2P
   ADSL MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com