Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0560-6600-J3 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0560-6600-J3
Description  ADSL Magnetics Lucent WildWire 12V ADSL Full Rate CO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0560-6600-J3 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0560-6600-J3 Datasheet HTML 1Page - Bel Fuse Inc. 0560-6600-J3 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 04.00
ADSL Magnetics
Lucent WildWire 12V ADSL Full Rate CO
TM00324
0.440
(11.18)
MAX
0.480
(12.19)
MAX
0.460
(11.68)
MAX
0.134±0.010
(3.40±0.25)
0.098
(2.50)
0.020 (0.51) SQ TYP
(PHOSPHOR BRONZE,
SOLDER COATED
0.295
(7.50)
MECHANICAL
0560-6600-B1
0560-6600-J3
1
5
6
10
0.550
(13.97)
MAX
0.020 (0.508) SQ. TYP
(PHOSPHER BRONZE,
SOLDER COATED
0.098 (2.50)
0.110±0.010
(2.79±0.25)
0.500
(12.70)
MAX
0.525
(13.34)
MAX
0.394
(10.00)
T3-66


Similar Part No. - 0560-6600-J3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-J6 BEL-0560-6600-J6 Datasheet
60Kb / 2P
   ADSL Magnetics
0560-6600-JD BEL-0560-6600-JD Datasheet
54Kb / 2P
   SHDSL MAGNETICS
More results

Similar Description - 0560-6600-J3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2818C BEL-2818C Datasheet
40Kb / 2P
   ADSL Magnetics Lucent WildWire 12V/5V ADSL CPE
S560-6600-96 BEL-S560-6600-96 Datasheet
62Kb / 2P
   ADSL Magnetics Lucent WildWire 5V ADSL CPE
S560-6100-85 BEL-S560-6100-85 Datasheet
46Kb / 2P
   ADSL Magnetics Lucent
0560-6600-N6 BEL-0560-6600-N6 Datasheet
93Kb / 2P
   ADSL Magnetics Lucent
0560-6100-40 BEL-0560-6100-40 Datasheet
122Kb / 2P
   ADSL Magnetics Lucent
2810D BEL-2810D Datasheet
60Kb / 2P
   ADSL Magnetics GlobeSpan RADSL CO
S560-6600-LP BEL-S560-6600-LP Datasheet
78Kb / 2P
   ADSL over POTs CO MAGNETICS
S560-6600-MM BEL-S560-6600-MM Datasheet
78Kb / 2P
   ADSL over POTs CO MAGNETICS
S560-6600-GG BEL-S560-6600-GG Datasheet
78Kb / 2P
   ADSL over POTs CO MAGNETICS
S560-6600-ME BEL-S560-6600-ME Datasheet
85Kb / 2P
   ADSL over ISDN CO MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com