Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0581-0336-40 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0581-0336-40
Description  DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0581-0336-40 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0581-0336-40 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
defining a degree of excellence
DC POWER INDUCTORS
LOWCOSTTHROUGHHOLECOMPONENTS
SCHEMATIC
0.750
0.375
0.375
0.375
0.375
0.375
0.375
0.875
0.875
0.375
0.875
0.875
0.375
0.750
0.875
0.875
0.375
0.875
0.875
0.875
0581-0296-20
0581-0186-25
0581-0406-25
0581-0836-25
0581-0256-25
0581-0546-30
0581-1256-30
0581-2326-30
0581-3846-30
0581-0806-35
0581-1346-40
0581-2326-40
0581-0336-40
0581-0186-50
0581-0806-50
0581-1416-50
0581-0486-50
0581-0846-70
0581-0436-70
0581-0496-A0
Lead
Length
(inches)
+/- 0.125"
Lead
Diameter
(inches)
Outside
Diameter
(inches) Max
Height
(inches)
Max
DCR
Ω (ohms)
Max
OCL
@ Idc
(
µH) Typ
OCL
Idc = 0
(
µH) Min
Bel Fuse Inc.
Part Number
ELECTRICALS @ 25O C
2.0
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.5
4.0
4.0
4.0
5.0
5.0
5.0
5.0
7.0
7.0
10.0
28.8
18.2
40.2
82.8
24.9
53.6
124.7
232.4
383.9
79.8
133.7
232.2
33.3
17.8
79.8
140.5
48.3
84.4
43.2
49.1
Idc
(Amps)
0.020
0.020
0.020
0.020
0.025
0.025
0.025
0.025
0.025
0.032
0.032
0.032
0.032
0.032
0.042
0.042
0.042
0.052
0.052
0.064
0.26
0.22
0.32
0.32
0.32
0.35
0.49
0.56
0.62
0.49
0.56
0.62
0.39
0.29
0.59
0.62
0.51
0.62
0.60
0.65
0.61
0.53
0.69
0.79
0.64
0.79
1.20
1.23
1.50
1.30
1.23
1.50
0.82
0.80
1.40
1.50
1.25
1.50
1.30
1.50
0.06
0.04
0.07
0.10
0.04
0.05
0.09
0.14
0.20
0.04
0.07
0.10
0.03
0.03
0.04
0.05
0.02
0.03
0.02
0.02
27.0
12.4
34.8
73.3
24.4
46.3
100.4
200.1
311.4
65.3
108.4
181.7
30.5
16.3
64.4
109.6
37.8
64.2
35.2
36.8
2
1
Outside
Diameter
Lead
Length
Bel Part Number
Height
MECHANICALS
Bel proudly announces a new series of components designed for today's environment that demands
low cost, high quality, and availability.
TM0026
T201


Similar Part No. - 0581-0336-40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
   POWER MAGNETICS Through Hole Inductor
More results

Similar Description - 0581-0336-40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0580-0296-20 BEL-0580-0296-20 Datasheet
47Kb / 1P
   DC POWER INDUCTORS LOW COST THROUGH HOLE COMPONENTS
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com