Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA120 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA120
Description  4 Line Common Mode Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA120 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA120 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
4 Line Common Mode Filter
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Impedance limits per chart measured using HP4193A Vector
Impedance Meter
• Package transfer-molded epoxy suitable for auto-insertion
• Part is symmetrical : May be inserted either way
• Temperature Rise 45°C Max. @ 25°C Ambient
• Maximum Current : 1 Adc/Winding
• Hipot : 300 Vac
EPA120 & EPA120G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA120 & CSA120G Rev. 1 3/3/03
Impedance Lower Limit
Frequency MHz
0
50
100
150
200
250
300
350
400
450
500
30
50
70
100
425
328
326
421
DIP Package
.365
Max.
.420 Max.
.280
Max.
.150 Min,
.020
Typ.
.175
Typ.
.020 x .010 Typ.
White Dot
Pin#1
.100
PCA
EPA120
D.C.
.100
PCA
EPA120G
D.C.
.280
Max.
.410
.160
.01
Typ.
.02
.040
.390
.310
.100
.055
.410
.03
Pad Layout
White Dot
Pin#1
SMD Package
Schematic
1
2
3
4
8
7
6
5


Similar Part No. - EPA120

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
   4 Line Common Mode Filter
logo
CUI INC
EPA120050-P5-SZ CUI-EPA120050-P5-SZ Datasheet
404Kb / 7P
   linear adapter
EPA120050-S-T-SZ CUI-EPA120050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
logo
List of Unclassifed Man...
EPA1200A ETC-EPA1200A Datasheet
31Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA1200A EXCELICS-EPA1200A Datasheet
31Kb / 2P
   High Efficiency Heterojunction Power FET
More results

Similar Description - EPA120

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
   4 Line Common Mode Filter
logo
XFMRS Inc.
XF0056-CMC125 XFMRS-XF0056-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
logo
Accetek Electronics (Sh...
2CA ACCETEK-2CA Datasheet
313Kb / 4P
   Common Mode Line Filter
logo
Abracon Corporation
ALFT-09V ABRACON-ALFT-09V Datasheet
1Mb / 3P
   Common Mode Line Filter
01.02.14
logo
XFMRS Inc.
XF0474-CMC125 XFMRS-XF0474-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
logo
Abracon Corporation
ALFT-04 ABRACON-ALFT-04 Datasheet
819Kb / 2P
   Common Mode Line Filter
03.12.14
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
   COMMON MODE SMD LINE FILTER
logo
Semtech Corporation
ECLAMP8052P SEMTECH-ECLAMP8052P Datasheet
896Kb / 9P
   2-Line Common Mode Filter
logo
PCA ELECTRONICS INC.
EPA2165 PCA-EPA2165 Datasheet
34Kb / 1P
   4 Line Common Mode Choke
EPA2165S PCA-EPA2165S Datasheet
25Kb / 1P
   4 Line Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com