Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C750EFPN Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P83C750EFPN
Description  80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C750EFPN Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P83C750EFPN Datasheet HTML 6Page - NXP Semiconductors P83C750EFPN Datasheet HTML 7Page - NXP Semiconductors P83C750EFPN Datasheet HTML 8Page - NXP Semiconductors P83C750EFPN Datasheet HTML 9Page - NXP Semiconductors P83C750EFPN Datasheet HTML 10Page - NXP Semiconductors P83C750EFPN Datasheet HTML 11Page - NXP Semiconductors P83C750EFPN Datasheet HTML 12Page - NXP Semiconductors P83C750EFPN Datasheet HTML 13Page - NXP Semiconductors P83C750EFPN Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
83C750/87C750
80C51 8-bit microcontroller family
1K/64 OTP/ROM, low pin count
1998 May 01
10
Programming and Verifying Security Bits
Security bits are programmed employing the same techniques used
to program the USER EPROM and KEY arrays using serial data
streams and logic levels on port pins indicated in Table 3. When
programming either security bit, it is not necessary to provide
address or data information to the 87C750 on ports 1 and 3.
Verification occurs in a similar manner using the RESET serial
stream shown in Table 3. Port 3 is not required to be driven and the
results of the verify operation will appear on ports 1.6 and 1.7.
Ports 1.7 contains the security bit 1 data and is a logical one if
programmed and a logical zero if not programmed. Likewise, P1.6
contains the security bit 2 data and is a logical one if programmed
and a logical zero if not programmed.
Table 3. Implementing Program/Verify Modes
OPERATION
SERIAL CODE
P0.1 (PGM/)
P0.2 (VPP)
Program user EPROM
296H
1
VPP
Verify user EPROM
296H
VIH
VIH
Program key EPROM
292H
1
VPP
Verify key EPROM
292H
VIH
VIH
Program security bit 1
29AH
1
VPP
Program security bit 2
298H
1
VPP
Verify security bits
29AH
VIH
VIH
NOTE:
1. Pulsed from VIH to VIL and returned to VIH.
EPROM PROGRAMMING AND VERIFICATION
Tamb = 21°C to +27°C, VCC = 5V ±10%, VSS = 0V
SYMBOL
PARAMETER
MIN
MAX
UNIT
1/tCLCL
Oscillator/clock frequency
1.2
6
MHz
tAVGL1
Address setup to P0.1 (PROG–) low
10
µs + 24tCLCL
tGHAX
Address hold after P0.1 (PROG–) high
48tCLCL
tDVGL
Data setup to P0.1 (PROG–) low
38tCLCL
tDVGL
Data setup to P0.1 (PROG–) low
38tCLCL
tGHDX
Data hold after P0.1 (PROG–) high
36tCLCL
tSHGL
VPP setup to P0.1 (PROG–) low
10
µs
tGHSL
VPP hold after P0.1 (PROG–)
10
µs
tGLGH
P0.1 (PROG–) width
90
110
µs
tAVQV2
VPP low (VCC) to data valid
48tCLCL
tGHGL
P0.1 (PROG–) high to P0.1 (PROG–) low
10
µs
tSYNL
P0.0 (sync pulse) low
4tCLCL
tSYNH
P0.0 (sync pulse) high
8tCLCL
tMASEL
ASEL high time
13tCLCL
tMAHLD
Address hold time
2tCLCL
tHASET
Address setup to ASEL
13tCLCL
tADSTA
Low address to valid data
48tCLCL
NOTES:
1. Address should be valid at least 24tCLCL before the rising edge of P0.2 (VPP).
2. For a pure verify mode, i.e., no program mode in between, tAVQV is 14tCLCL maximum.


Similar Part No. - P83C750EFPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C750EFPN PHILIPS-P83C750EFPN Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results

Similar Description - P83C750EFPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com