Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4734 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4734
Description  3 Channel 20W Audio Power Amplifier with Mute and Standby
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4734 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4734 Datasheet HTML 1Page - National Semiconductor (TI) LM4734 Datasheet HTML 2Page - National Semiconductor (TI) LM4734 Datasheet HTML 3Page - National Semiconductor (TI) LM4734 Datasheet HTML 4Page - National Semiconductor (TI) LM4734 Datasheet HTML 5Page - National Semiconductor (TI) LM4734 Datasheet HTML 6Page - National Semiconductor (TI) LM4734 Datasheet HTML 7Page - National Semiconductor (TI) LM4734 Datasheet HTML 8Page - National Semiconductor (TI) LM4734 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical Characteristics (Notes 1, 2) (Continued)
The following specifications apply for V
+ = +21V, V- = −21V, and R
L =8
Ω unless otherwise specified. Limits apply for T
A =
25˚C.
Symbol
Parameter
Conditions
LM4734
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
Standby
V
IL
V
IH
Standby Low Input Voltage
Standby High Input Voltage
Play Mode
Standby Mode
2.0
0.8
2.5
V (max)
V (min)
Mute
V
IL
V
IH
Mute Low Input Voltage
Mute High Input Voltage
Play Mode
Mute Mode
2.0
0.8
2.5
V (max)
V (min)
Note 1: All voltages are measured with respect to the ground pins, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given; however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJC, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX -TA)/θJC or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4734, TJMAX = 150˚C
and the typical
θJC is 1.0˚C/W. Refer to the DETERMINING THE CORRECT HEAT SINK section for more information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model: a 220pF - 240pF discharged through all pins.
Note 6: Typical specifications are measured at 25˚C and represent the parametric norm.
Note 7: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 9: The maximum operating junction temperature is 150˚C. However, the instantaneous Safe Operating Area temperature is 250˚C.
Note 10: V- must have at least - 9.5V at its pin with reference to GND in order for the under-voltage protection circuitry to be disabled. In addition, the voltage
differential between V+ and V- must be greater than 14V.
Note 11: Cross talk performance was measured using the demo board shown in the datasheet. PCB layout will affect cross talk. It is recommended that the input
and output traces be separated by as much distance as possible. Return ground traces from outputs should also be independent back to sinlge ground point and
use as wide of traces as possible.
Note 12: The Differential Input Voltage Absolute Maximum Rating is based on supply voltages V+ = 27V and V- = - 27V.
Note 13: The TA27A is a non-isolated package. The package’s metal back and any heat sink to which it is mounted are connected to the V- potential when using
only thermal compound. If a mica washer is used in addition to thermal compound,
θCS (case to sink) is increased, but the heat sink will be electrically isolated from
V-.
www.national.com
4


Similar Part No. - LM4734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4734TABD TI1-LM4734TABD Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results

Similar Description - LM4734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com