Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87LPC769 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 87LPC769
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC769 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 87LPC769 Datasheet HTML 5Page - NXP Semiconductors 87LPC769 Datasheet HTML 6Page - NXP Semiconductors 87LPC769 Datasheet HTML 7Page - NXP Semiconductors 87LPC769 Datasheet HTML 8Page - NXP Semiconductors 87LPC769 Datasheet HTML 9Page - NXP Semiconductors 87LPC769 Datasheet HTML 10Page - NXP Semiconductors 87LPC769 Datasheet HTML 11Page - NXP Semiconductors 87LPC769 Datasheet HTML 12Page - NXP Semiconductors 87LPC769 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Philips Semiconductors
Preliminary specification
87LPC769
Low power, low price, low pin count (20 pin)
microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
6
MNEMONIC
NAME AND FUNCTION
TYPE
PIN NO.
P2.0–P2.1
6, 7
I/O
Port 2: Port 2 is a 2-bit I/O port with a user-configurable output type. Port 2 latches are configured in the
quasi-bidirectional mode and have either ones or zeros written to them during reset, as determined by
the PRHI bit in the UCFG1 configuration byte. The operation of port 2 pins as inputs and outputs
depends upon the port configuration selected. Each port pin is configured independently. Refer to the
section on I/O port configuration and the DC Electrical Characteristics for details.
Port 2 also provides various special functions as described below.
7
O
P2.0
X2
Output from the oscillator amplifier (when a crystal oscillator option is
selected via the EPROM configuration).
CLKOUT
CPU clock divided by 6 clock output when enabled via SFR bit and in
conjunction with internal RC oscillator or external clock input.
6
I
P2.1
X1
Input to the oscillator circuit and internal clock generator circuits (when
selected via the EPROM configuration).
VSS
5
I
Ground: 0V reference.
VDD
15
I
Power Supply: This is the power supply voltage for normal operation as well as Idle and
Power Down modes.


Similar Part No. - 87LPC769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
More results

Similar Description - 87LPC769

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com