Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C750EFAA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P83C750EFAA
Description  80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C750EFAA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P83C750EFAA Datasheet HTML 2Page - NXP Semiconductors P83C750EFAA Datasheet HTML 3Page - NXP Semiconductors P83C750EFAA Datasheet HTML 4Page - NXP Semiconductors P83C750EFAA Datasheet HTML 5Page - NXP Semiconductors P83C750EFAA Datasheet HTML 6Page - NXP Semiconductors P83C750EFAA Datasheet HTML 7Page - NXP Semiconductors P83C750EFAA Datasheet HTML 8Page - NXP Semiconductors P83C750EFAA Datasheet HTML 9Page - NXP Semiconductors P83C750EFAA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
83C750/87C750
80C51 8-bit microcontroller family
1K/64 OTP/ROM, low pin count
1998 May 01
6
Table 2.
87C750 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPTR:
DPH
DPL
Data pointer
(2 bytes)
High byte
Low byte
83H
82H
00H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE*#
Interrupt enable
A8H
EA
EX1
ET0
EX0
00H
82
81
80
P0*#
Port 0
80H
xxxxx111B
97
96
95
94
93
92
91
90
P1*
Port 1
90H
T0
INT1
INT0
FFH
P3*
Port 3
B0H
B7
B6
B5
B4
B3
B2
B1
B0
FFH
PCON#
Power control
87H
PD
IDL
xxxxxx00B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON*#
Timer/counter control
88H
GATE
C/T
TF
TR
IE0
IT0
IE1
IT1
00H
TL#
Timer low byte
8AH
00H
TH#
Timer high byte
8CH
00H
RTL#
Timer low reload
8BH
00H
RTH#
Timer high reload
8DH
00H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.
ABSOLUTE MAXIMUM RATINGS1, 2
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage from VCC to VSS
–0.5 to +6.5
V
Voltage from any pin to VSS (except VPP)
–0.5 to VCC + 0.5
V
Power dissipation
1.0
W
Voltage on VPP pin to VSS
0 to +13.0
V
Maximum IOL per I/O pin
10
mA
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.


Similar Part No. - P83C750EFAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C750EFAA PHILIPS-P83C750EFAA Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results

Similar Description - P83C750EFAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com