Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ384XGM-E1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AZ384XGM-E1
Description  GREEN MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AZ384XGM-E1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AZ384XGM-E1 Datasheet HTML 1Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 2Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 3Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 4Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 5Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 6Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 7Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 8Page - Advanced Analogic Technologies AZ384XGM-E1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP384XG
P/M Package
(DIP-8/SOIC-8)
Pin Configuration
COMP
CS
FB
RT/CT
8
REF
7
VCC
6
OUTPUT
5
GND
1
2
3
4
Pin Description
Pin Number
Pin Name
Function
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2
FB
The inverting input of the Error Amplifier. It is normally connected to the switching power
supply output through an external resistor divider.
3
CS
It is used either for current sense (normal mode) or skip cycle level selection (standby mode).
4RT/CT
The oscillator frequency and maximum output duty cycle are programmed by connecting
resistor RT to REF and capacitor CT to ground.
5
GND
The ground pin.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are
sourced and sunk by this pin.
7
VCC
The power supply pin.
8REF
This is the reference output. It provides charging current for capacitor CT through resistor RT.


Similar Part No. - AZ384XGM-E1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AZ3842 AAT-AZ3842 Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842M AAT-AZ3842M Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842MM AAT-AZ3842MM Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3842P AAT-AZ3842P Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
AZ3843 AAT-AZ3843 Datasheet
335Kb / 13P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AZ384XGM-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3102 DIODES-AP3102 Datasheet
617Kb / 14P
   GREEN MODE PWM CONTROLLER
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com