Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1972 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1972
Description  1024-Bit EEPROM iButton
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1972 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1972 Datasheet HTML 1Page - Maxim Integrated Products DS1972 Datasheet HTML 2Page - Maxim Integrated Products DS1972 Datasheet HTML 3Page - Maxim Integrated Products DS1972 Datasheet HTML 4Page - Maxim Integrated Products DS1972 Datasheet HTML 5Page - Maxim Integrated Products DS1972 Datasheet HTML 6Page - Maxim Integrated Products DS1972 Datasheet HTML 7Page - Maxim Integrated Products DS1972 Datasheet HTML 8Page - Maxim Integrated Products DS1972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DS1972: 1024-Bit EEPROM iButton
2 of 23
ABSOLUTE MAXIMUM RATINGS
I/O Voltage to GND
-0.5V, +6V
I/O Sink Current
20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-40°C to +85°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C; see Note 1.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O PIN GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Notes 2)
2.8
5.25
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
0.3
2.2
k
W
Input Capacitance
CIO
(Notes 4, 5)
1000
pF
Input Load Current
IL
I/O pin at VPUP
0.05
6.7
µA
High-to-Low Switching
Threshold
VTL
(Notes 5, 6, 7)
0.46
4.4
V
Input Low Voltage
VIL
(Notes 2, 8)
0.3
V
Low-to-High Switching
Threshold
VTH
(Notes 5, 6, 9)
1.0
4.9
V
Switching Hysteresis
VHY
(Notes 5, 6, 10)
0.21
1.70
V
Output Low Voltage
VOL
At 4mA (Note 11)
0.4
V
Standard speed, RPUP = 2.2k
W
5
Overdrive speed, RPUP = 2.2k
W
2
Recovery Time
(Notes 2,12)
tREC
Overdrive speed, directly prior to Reset
Pulse; RPUP = 2.2k
W
5
µs
Standard speed
0.5
5.0
Rising-Edge Hold-off Time
(Notes 5, 13)
tREH
Overdrive speed
Not applicable (0)
µs
Standard speed
65
Timeslot Duration
(Note 2, 14)
tSLOT
Overdrive speed
8
µs
I/O PIN, 1-WIRE RESET, PRESENCE DETECT CYCLE
Standard speed
480
640
Reset Low Time (Note 2)
tRSTL
Overdrive speed
48
80
µs
Standard speed
15
60
Presence Detect High
Time
tPDH
Overdrive speed
2
6
µs
Standard speed
60
240
Presence Detect Low
Time
tPDL
Overdrive speed
8
24
µs
Standard speed
60
75
Presence Detect Sample
Time (Notes 2, 15)
tMSP
Overdrive speed
6
10
µs
I/O PIN, 1-Wire WRITE
Standard speed
60
120
Overdrive speed, VPUP > 4.5V
5
15.5
Write-0 Low Time (Notes
2, 16)
tW0L
Overdrive speed
6
15.5
µs
Standard speed
1
15 -
e
Write-1 Low Time
(Notes 2, 17)
tW1L
Overdrive speed
1
2 -
e
µs
I/O PIN, 1-Wire READ
Standard speed
5
15 -
d
Read Low Time
(Notes 2, 18)
tRL
Overdrive speed
1
2 -
d
µs
Standard speed
tRL +
d
15
Read Sample Time
(Notes 2, 18)
tMSR
Overdrive speed
tRL +
d
2
µs


Similar Part No. - DS1972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972-F3 MAXIM-DS1972-F3 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972-F5 MAXIM-DS1972-F5 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
More results

Similar Description - DS1972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
   256-Bit EEPROM iButton
logo
Maxim Integrated Produc...
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
   256-Bit EEPROM iButton®
7/09
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com