Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6722BRFP250 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6722BRFP250
Description  Floating-Point Digital Signal Processors
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP250 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6722BRFP250 Datasheet HTML 1Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 2Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 3Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 4Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 5Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 6Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 7Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 8Page - Texas Instruments TMS320C6722BRFP250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
www.ti.com
1
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 DSPs
1.1 Features
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370 – SEPTEMBER 2006
• Two 10-MHz SPI Ports With 3-, 4-, and 5-Pin
• C672x: 32-/64-Bit 300-MHz Floating-Point DSPs
Options
• Upgrades to C67x+ CPU From C67x™ DSP
• Two Inter-Integrated Circuit (I2C) Ports
Generation:
2X CPU Registers [64 General-Purpose]
• Real-Time Interrupt Counter/Watchdog
New Audio-Specific Instructions
• Oscillator- and Software-Controlled PLL
Compatible With the C67x CPU
• Applications:
• Enhanced Memory System
Professional Audio
256K-Byte Unified Program/Data RAM
• Mixers
384K-Byte Unified Program/Data ROM
• Effects Boxes
Single-Cycle Data Access From CPU
• Audio Synthesis
Large Program Cache (32K Byte) Supports
• Instrument/Amp Modeling
RAM, ROM, and External Memory
• Audio Conferencing
• External Memory Interface (EMIF) Supports
• Audio Broadcast
133-MHz SDRAM (16- or 32-Bit)
• Audio Encoder
Asynchronous NOR Flash, SRAM (8-,16-, or
Emerging Audio Applications
32-Bit)
Biometrics
NAND Flash (8- or 16-Bit)
Medical
• Enhanced I/O System
Industrial
High-Performance Crossbar Switch
• Commercial or Extended Temperature
Dedicated McASP DMA Bus
• 144-Pin, 0.5-mm, PowerPAD™ Thin Quad
Deterministic I/O Performance
Flatpack (TQFP) [RFP Suffix]
• dMAX (Dual Data Movement Accelerator)
• 256-Terminal, 1.0-mm, 16x16 Array Plastic Ball
Supports:
Grid Array (PBGA) [GDH and ZDH Suffixes]
16 Independent Channels
Concurrent Processing of Two Transfer
Requests
1-, 2-, and 3-Dimensional
Memory-to-Memory and
Memory-to-Peripheral Data Transfers
Circular Addressing Where the Size of a
Circular Buffer (FIFO) is not Limited to 2n
Table-Based Multi-Tap Delay Read and
Write Transfers From/To a Circular Buffer
• Three Multichannel Audio Serial Ports
Transmit/Receive Clocks up to 50 MHz
Six Clock Zones and 16 Serial Data Pins
Supports TDM, I2S, and Similar Formats
DIT-Capable (McASP2)
• Universal Host-Port Interface (UHPI)
32-Bit-Wide Data Bus for High Bandwidth
Muxed and Non-Muxed Address and Data
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
C67x, PowerPAD, TMS320C6000, C6000, DSP/BIOS, XDS, TMS320 are trademarks of Texas Instruments.
Philips is a registered trademark of Koninklijki Philips Electronics N.V.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320C6722BRFP250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6722BRFP250 TI-TMS320C6722BRFP250 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722BRFP250 TI-TMS320C6722BRFP250 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722BRFP250 TI-TMS320C6722BRFP250 Datasheet
1Mb / 118P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6722BRFP250 TI1-TMS320C6722BRFP250 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMS320C6722BRFP250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com