Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1526V18-200BZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1526V18-200BZC
Description  72-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1526V18-200BZC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1526V18-200BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1526V18-200BZC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PRELIMINARY
CY7C1513V18
CY7C1526V18
CY7C1511V18
CY7C1515V18
Document #: 38-05363 Rev. *A
Page 6 of 23
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data input signals, sampled on the rising edge of K and K clocks during valid write opera-
tions.
CY7C1511V18
− D[7:0]
CY7C1526V18
− D[8:0]
CY7C1513V18
− D[17:0]
CY7C1515V18
− D[35:0]
WPS
Input-
Synchronous
Write Port Select, active LOW. Sampled on the rising edge of the K clock. When asserted active,
a write operation is initiated. Deasserting will deselect the Write port. Deselecting the Write port
will cause D[x:0] to be ignored.
NWS0,NWS1,
Input-
Synchronous
Nibble Write Select 0, 1
− active LOW.(CY7C1511V18 Only) Sampled on the rising edge of the
K and K clocks during write operations. Used to select which nibble is written into the device
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble
Write Select will cause the corresponding nibble of data to be ignored and not written into the
device.
BWS0,BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− active LOW. Sampled on the rising edge of the K and K clocks
during write operations. Used to select which byte is written into the device during the current
portion of the write operations. Bytes not written remain unaltered.
CY7C1526V18
− BWS0 controls D[8:0]
CY7C1513V18
− BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1515V18
− BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write
Select will cause the corresponding byte of data to be ignored and not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write opera-
tions. These address inputs are multiplexed for both Read and Write operations. Internally, the
device is organized as 8M x 8 (4 arrays each of 2M x 8) for CY7C1511V18, 8M x 9 (4 arrays each
of 2M x 9) for CY7C1526V18,4M x 18 (4 arrays each of 1M x 18) for CY7C1513V18 and 2M x
36 (4 arrays each of 512K x 36) for CY7C1515V18. Therefore, only 21 address inputs are needed
to access the entire memory array of CY7C1511V18 and CY7C1526V18, 20 address inputs for
CY7C1513V18 and 19 address inputs for CY7C1515V18.These inputs are ignored when the
appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a Read operation. Valid
data is driven out on the rising edge of both the C and C clocks during Read operations or K and
K. when in single clock mode. When the Read port is deselected, Q[x:0] are automatically
tri-stated.
CY7C1511V18
− Q[7:0]
CY7C1526V18
− Q[8:0]
CY7C1513V18
− Q[17:0]
CY7C1515V18
− Q[35:0]
RPS
Input-
Synchronous
Read Port Select, active LOW. Sampled on the rising edge of Positive Input Clock (K). When
active, a Read operation is initiated. Deasserting will cause the Read port to be deselected. When
deselected, the pending access is allowed to complete and the output drivers are automatically
tri-stated following the next rising edge of the C clock. Each read access consists of a burst of
four sequential transfers.
C
Input-
Clock
Positive Output Clock Input. C is used in conjunction with C to clock out the Read data from
the device. C and C can be used together to deskew the flight times of various devices on the
board back to the controller. See application example for further details.
C
Input-
Clock
Negative Output Clock Input. C is used in conjunction with C to clock out the Read data from
the device. C and C can be used together to deskew the flight times of various devices on the
board back to the controller. See application example for further details.
K
Input-
Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the
device and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated
on the rising edge of K.
K
Input-
Clock
Negative Input Clock Input. K is used to capture synchronous inputs being presented to the
device and to drive out data through Q[x:0] when in single clock mode.


Similar Part No. - CY7C1526V18-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1526V18-200BZC CYPRESS-CY7C1526V18-200BZC Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1526V18-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com