Electronic Components Datasheet Search |
|
EA2-3TNU Datasheet(PDF) 3 Page - NEC |
|
EA2-3TNU Datasheet(HTML) 3 Page - NEC |
3 / 8 page 3 DATA SHEET ER0001EJ6V0DS00 EA2 SERIES PART NUMBER SYSTEM EA2 – 3 S NU Nil : Standard type NU : UL recognized, CSA certified type NJ : Trimmed leads type ∗ NP : Silver-palladium alloy contact (with gold alloy overlay) ∗ Latch type Nil : Non-latch type (standard type) S : Single coil latch type T : Double coil latch type Nominal coil voltage 3, 4.5, 5, 6, 9, 12, 24 Volts EA2 series ∗ UL recognized, CAS certified type 2 form c 30 W (resistive) 62.5 VA (resistive) 220 Vdc 250 Vac 1 A 2 A 10 mVdc, 10 µA ∗1 50 m Ω typ. (Initial) Silver alloy with gold alloy overlay 140 mW (3 to 12 V) 200 mW (24 V) 100 mW (3 to 12 V) 150 mW (24 V) 79 mW (3 to 12 V) 113 mW (24 V) 56 mW (3 to 12 V) 85 mW (24 V) Approximately 2 ms without diode Approximately 1 ms without diode 1000 M Ω at 500 Vdc 1000 Vac (for one minute) 1500 V surge (10 × 160 µs ∗2) 735 m / s2 (75 G) (misoperating) 980 m / s2 (100 G) (destructive failure) 10 to 55 Hz at double amplitude of 3 mm (20 G) (misoperating) 10 to 55 Hz, at double amplitude of 5 mm (30 G) (destructive failure) –40 °C to 85°C 18 degrees at nominal coil voltage 1 × 108 operations (Non-latch type) ∗3 1 × 107 operations (latch type) 50 Vdc 0.1 A (resistive), 1 × 106 operations at 85˚C, 2 Hz 10 Vdc 10 mA (resistive), 1 × 106 operations at 85˚C, 2 Hz Approximately 1.5 grams Contact Form Maximum switching power Maximum switching voltage Maximum switching current Maximum carrying current Minimum contact ratings Initial contact resistance Contact material Non-latch type and double coil latch type Single coil Latch type Non-latch type and double coil latch type Single coil latch type Operate time (excluding bounce) Release time (excluding bounce) Insulation resistance Between open contacts Breakdown voltage Between adjacent contacts Between coil and contact Shock resistance Vibration resistance Ambient temperature Coil temperature rise Noload Load Weight PERFORMANCE CHARACTERISTICS ∗1 This value is a reference value in the resistance load. Minimum capacity changes depending on seitching frequency and environment temperature and the load. ∗2 Rise time : 10 µs, fall time : 160 µs ∗3 This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of operation by which a steady characteristic is maintained is 1 × 107 times. Minimum operating Power Nominal operating Power Running specifications Contact rating |
Similar Part No. - EA2-3TNU |
|
Similar Description - EA2-3TNU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |