Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5N5001FM Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # H5N5001FM
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N5001FM Datasheet(HTML) 1 Page - Renesas Technology Corp

  H5N5001FM Datasheet HTML 1Page - Renesas Technology Corp H5N5001FM Datasheet HTML 2Page - Renesas Technology Corp H5N5001FM Datasheet HTML 3Page - Renesas Technology Corp H5N5001FM Datasheet HTML 4Page - Renesas Technology Corp H5N5001FM Datasheet HTML 5Page - Renesas Technology Corp H5N5001FM Datasheet HTML 6Page - Renesas Technology Corp H5N5001FM Datasheet HTML 7Page - Renesas Technology Corp H5N5001FM Datasheet HTML 8Page - Renesas Technology Corp H5N5001FM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
H5N5001FM
Silicon N Channel MOS FET
High Speed Power Switching
ADE-208-1380 (Z)
1st. Edition
Mar. 2001
Features
• Low on-resistance
: R
DS(on) =1.1Ω typ.
• Low leakage current : I
DSS =1µA max (at VDS = 500 V)
• High speed switching : tf = 15ns typ (at V
GS = 10 V, VDD = 250 V, ID = 2.5 A)
• Low gate charge
: Qg = 15nC typ (at V
DD = 400 V, VGS = 10 V, ID = 5 A)
• Avalanche ratings
Outline
1
2
3
TO–220FM
1. Gate
2. Drain
3. Source
D
G
S


Similar Part No. - H5N5001FM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N5001FM RENESAS-H5N5001FM Datasheet
191Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5001FM-E RENESAS-H5N5001FM-E Datasheet
191Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5001FM RENESAS-H5N5001FM_05 Datasheet
191Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N5001FM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com