Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUP75-24D12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DUP75-24D12
Description  Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DUP75-24D12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DUP75-24D12 Datasheet HTML 1Page - List of Unclassifed Manufacturers DUP75-24D12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DUP75-24D12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
D U P 7 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Unit measures 0.24”W x 0.77”L x 0.4”H
Low Cost
0.75 Watt in SIP pkg
Unregulated Outputs
750VDC Isolation
Non-Conductive Case
Internal Filters
Model Number
Output Voltage
Output mAmps
Input Range
SINGLE OUTPUT
DUP75-05S05
5 VDC
150
4.5-5.5 VDC
DUP75-12S05
150
10.8-13.2 VDC
DUP75-15S05
150
13.5-16.5 VDC
DUP75-24S05
150
21.6-26.4 VDC
DUP75-05S12
12 VDC
62
4.5-5.5 VDC
DUP75-12S12
62
10.8-13.2 VDC
DUP75-15S12
62
13.5-16.5 VDC
DUP75-24S12
62
21.6-26.4 VDC
DUP75-05S15
15 VDC
50
4.5-5.5 VDC
DUP75-12S15
50
10.8-13.2 VDC
DUP75-15S15
50
13.5-16.5 VDC
DUP75-24S15
50
21.6-26.4 VDC
DUAL OUTPUT
DUP75-05D05
+/-5 VDC
+/-75
4.5-5.5 VDC
DUP75-12D05
+/-75
10.8-13.2 VDC
DUP75-15D05
+/-75
13.5-16.5 VDC
DUP75-24D05
+/-75
21.6-26.4 VDC
DUP75-05D12
+/-12 VDC
+/-30
4.5-5.5 VDC
DUP75-12D12
+/-30
10.8-13.2 VDC
DUP75-15D12
+/-30
13.5-16.5 VDC
DUP75-24D12
+/-30
21.6-26.4 VDC
DUP75-05D15
+/-15 VDC
+/-25
4.5-5.5 VDC
DUP75-12D15
+/-25
10.8-13.2 VDC
DUP75-15D15
+/-25
13.5-16.5 VDC
DUP75-24D15
+/-25
21.6-26.4 VDC
Order On-Line!
astrodyne.com


Similar Part No. - DUP75-24D12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DUP75-24D12 ASTRODYNE-DUP75-24D12 Datasheet
228Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
DUP75-24D12 ASTRODYNE-DUP75-24D12 Datasheet
134Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
More results

Similar Description - DUP75-24D12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DUP75 ASTRODYNE-DUP75 Datasheet
228Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
DUP75 ASTRODYNE-DUP75_16 Datasheet
134Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
DU1P0 ASTRODYNE-DU1P0_16 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
DU1P0 ASTRODYNE-DU1P0 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com