Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2368FBD100 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2368FBD100
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2368FBD100 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2368FBD100 Datasheet HTML 7Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 8Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 9Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 10Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 11Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 12Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 13Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 14Page - NXP Semiconductors LPC2368FBD100 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LPC2364_66_68_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 September 2006
11 of 48
Philips Semiconductors
LPC2364/2366/2368
Fast communication chip
P2.9/
U1CONNECT/
RXD2/
EXTIN0
64
I/O
P2.9 — General purpose digital input/output pin.
O
U1CONNECT — Signal used to switch an external 1.5 k
Ω resistor under the software
control. Used with the SoftConnect USB feature.
I
RXD2 — Receiver input for UART2.
I
EXTIN0 — External Trigger Input.
P2.10/EINT0
53
I/O
P2.10 — General purpose digital input/output pin.
Note: LOW on this pin while RESET is LOW forces on-chip bootloader to take over
control of the part after a reset.
I
EINT0 — External interrupt 0 input.
P2.11/EINT1/
MCIDAT1/
I2STX_CLK
52
I/O
P2.11 — General purpose digital input/output pin.
I
EINT1 — External interrupt 1 input.
O
MCIDAT1 — Data line for SD/MMC interface. (LPC2368 only)
I/O
I2STX_CLK — Transmit Clock. It is driven by the master and received by the slave.
Corresponds to the signal SCK in the I2S-bus specification.
P2.12/EINT2/
MCIDAT2/
I2STX_WS
51
I/O
P2.12 — General purpose digital input/output pin.
I
EINT2 — External interrupt 2 input.
O
MCIDAT2 — Data line for SD/MMC interface. (LPC2368 only)
I/O
I2STX_WS — Transmit Word Select. It is driven by the master and received by the
slave. Corresponds to the signal WS in the I2S-bus specification.
P2.13/EINT3/
MCIDAT3/
I2STX_SDA
50
I/O
P2.13 — General purpose digital input/output pin.
I
EINT3 — External interrupt 3 input.
O
MCIDAT3 — Data line for SD/MMC interface. (LPC2368 only)
I/O
I2STX_SDA — Transmit data. It is driven by the transmitter and read by the receiver.
Corresponds to the signal SD in the I2S-bus specification.
P3.0 to P3.31
I/O
Port 3: Port 3 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 3 pins depends upon the pin function selected via the Pin Connect
block. Pins 0 through 24, and 27 through 31 of this port are not available.
P3.25/MAT0.0/
PWM1.2
27
I/O
P3.25 — General purpose digital input/output pin.
O
MAT0.0 — Match output for Timer 0, channel 0.
O
PWM1.2 — Pulse Width Modulator 1, output 2.
P3.26/MAT0.1/
PWM1.3
26
I/O
P3.26 — General purpose digital input/output pin.
O
MAT0.1 — Match output for Timer 0, channel 1.
O
PWM1.3 — Pulse Width Modulator 1, output 3.
P4.0 to P4.31
I/O
Port 4: Port 4 is a 32-bit I/O port with individual direction controls for each bit. The
operation of port 4 pins depends upon the pin function selected via the Pin Connect
block. Pins 0 through 27, 30, and 31 of this port are not available.
P4.28/MAT2.0/
TXD3
82
I/O
P4.28 — General purpose digital input/output pin.
O
MAT2.0 — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4.29/MAT2.1/
RXD3
85
I/O
P4.29 — General purpose digital input/output pin.
O
MAT2.1 — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
TDO
1
O
TDO — Test Data out for JTAG interface.
Table 3.
Pin description …continued
Symbol
Pin
location
Type
Description


Similar Part No. - LPC2368FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2368FBD100 NXP-LPC2368FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2368FBD100 NXP-LPC2368FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2368FBD100 NXP-LPC2368FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results

Similar Description - LPC2368FBD100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2365FBD100 NXP-LPC2365FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364FET100 NXP-LPC2364FET100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2377 NXP-LPC2377 Datasheet
258Kb / 55P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
LPC2377 NXP-LPC2377_10 Datasheet
1Mb / 68P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 5-17 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com