Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6012 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AM6012
Description  12-Bit multiplying D/A converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AM6012 Datasheet HTML 3Page - NXP Semiconductors AM6012 Datasheet HTML 4Page - NXP Semiconductors AM6012 Datasheet HTML 5Page - NXP Semiconductors AM6012 Datasheet HTML 6Page - NXP Semiconductors AM6012 Datasheet HTML 7Page - NXP Semiconductors AM6012 Datasheet HTML 8Page - NXP Semiconductors AM6012 Datasheet HTML 9Page - NXP Semiconductors AM6012 Datasheet HTML 10Page - NXP Semiconductors AM6012 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
August 31, 1994
784
APPLICATION CIRCUITS
Figure 4. AM6012 Logic Inputs
CODE FORMAT
CONNECTIONS
OUTPUT SCALE
MSB
LSB
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10 B11 B12
IO
(mA)
IO
(mA)
VOUT
Unipolar
Symmetrical
Offset
Offset with
True Zero
Straight binary; one
polarity with true input
code, true zero output.
Complementary binary;
one polarity with
complementary input
code, true zero output.
Straight offset binary;
offset half-scale,
symmetrical about zero,
no true zero output.
1’s complement; offset
half-scale, symmetrical
about zero, no true zero
output, MSB complemented
(need inverter at B1).
Offset binary; offset half-
scale, true zero output.
2’s complement; offset
half-scale, true zero
output, MSB complemented
(need inverter at B1).
a – c
b – g
R1 = R2 = 2.5k
a – g
b – c
R1 = R2 = 2.5k
a – c
b – d
f – g
R1 = R3 = 2.5k
a – c
b – d
f – g
R1 = R3 = 2.5k
R2 = 1.25k
e – a – c
b – g
e – a – c
b – g
R1 = R2 = 5k
R1 = R2 = 5k
R2 = 1.25k
Positive full-scale
Positive full-scale – LSB
Zero-scale
Positive full-scale
Positive full-scale – LSB
Zero-scale
Positive full-scale
Positive full-scale – LSB
(+) Zero-scale
(–) Zero-scale
Positive full-scale
Positive full-scale – LSB
(+) Zero-scale
(–) Zero-scale
Negative full-scale – LSB
Positive full-scale
Positive full-scale – LSB
+ LSB
Negative full-scale – LSB
Negative full-scale
Negative full-scale
R
14 +
V
REF
1.0mA
R
OFF +
V
REF
2.0mA
Zero-scale
– LSB
Negative full-scale + LSB
Negative full-scale
Positive full-scale
Positive full-scale – LSB
+ 1 LSB
Zero-scale
– 1 LSB
Negative full-scale + LSB
Negative full-scale
1
1
1
1
1
1
1
1
1
1
1
1
3.999
0.000
9.9976
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
3.998
0.001
9.9951
0.000
3.999
0.0000
0.000
3.999
9.9976
0.001
3.998
9.9951
3.999
0.000
0.0000
1
1
1
1
1
1
1
1
1
1
1
1
3.999
0.000
9.9976
1
1
1
1
1
1
1
1
1
1
1
0
3.998
0.001
9.9927
1
0
0
0
0
0
0
0
0
0
0
0
2.000
1.999
0.0024
0
1
1
1
1
1
1
1
1
1
1
1
1.999
2.000
–0.0024
0
0
0
0
0
0
0
0
0
0
0
1
0.001
3.998
–9.9927
0
0
0
0
0
0
0
0
0
0
0
0
0.000
3.999
–9.9976
0
1
1
1
1
1
1
1
1
1
1
1
3.999
0.000
9.9976
0
1
1
1
1
1
1
1
1
1
1
0
3.998
0.001
9.9927
0
0
0
0
0
0
0
0
0
0
0
0
2.000
1.999
0.0024
1
1
1
1
1
1
1
1
1
1
1
1
1.999
2.000
–0.0024
1
0
0
0
0
0
0
0
0
0
0
1
0.001
3.998
–9.9927
1
0
0
0
0
0
0
0
0
0
0
0
0.000
3.999
–9.9976
1
1
1
1
1
1
1
1
1
1
1
1
3.999
0.000
9.9951
1
1
1
1
1
1
1
1
1
1
1
0
3.998
0.001
9.9902
1
0
0
0
0
0
0
0
0
0
0
1
2.001
1.998
0.0049
1
0
0
0
0
0
0
0
0
0
0
0
2.000
1.999
0.000
0
1
1
1
1
1
1
1
1
1
1
1
1.999
2.000
–0.0049
0
0
0
0
0
0
0
0
0
0
0
1
0.001
3.998
–9.9951
0
0
0
0
0
0
0
0
0
0
0
0
0.000
3.999
–10.000
0
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
0
3.998
0.001
9.9902
0
0
0
0
0
0
0
0
0
0
0
1
2.001
1.998
0.0049
0
0
0
0
0
0
0
0
0
0
0
0
2.000
1.999
0.000
1
1
1
1
1
1
1
1
1
1
1
1
1.999
2.000
–0.049
1
0
0
0
0
0
0
0
0
0
0
1
0.001
3.998
–9.9951
1
0
0
0
0
0
0
0
0
0
0
0
0.000
3.999
–10.000
AM6012
VREF(+)
VREF(–)
+10V
REF
OPTIONAL
(SEE CODE TABLE)
MSB
LSB
ROFF
5,000k
2.000mA
a
b
B12
B1
IO
IO
e
VOUT
R1
R3
R14
10k
R15
10k
f
R2
c
d
g
NE535
+
ADDITIONAL CODE MODIFICATIONS
1. Any of the offset binary codes may be complemented by
reversing the output terminal pair.


Similar Part No. - AM6012

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AM600 EXTECH-AM600 Datasheet
600Kb / 8P
   600A AC Analog Clamp Meter
logo
Molex Electronics Ltd.
AM60007-1 MOLEX11-AM60007-1 Datasheet
156Kb / 4P
   CHANGE PART KIT FOR 71522 CONN
AM60007-3 MOLEX11-AM60007-3 Datasheet
156Kb / 4P
   CHANGE PART KIT FOR 71522 CONN
AM60007-3 MOLEX11-AM60007-3 Datasheet
164Kb / 4P
   MANVAL RIBBON CA. TERMR
AM60008-1 MOLEX11-AM60008-1 Datasheet
164Kb / 4P
   MANVAL RIBBON CA. TERMR
More results

Similar Description - AM6012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
National Semiconductor ...
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com