Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF05C Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMF05C
Description  5-Line Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF05C Datasheet(HTML) 1 Page - ON Semiconductor

  SMF05C Datasheet HTML 1Page - ON Semiconductor SMF05C Datasheet HTML 2Page - ON Semiconductor SMF05C Datasheet HTML 3Page - ON Semiconductor SMF05C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 1
1
Publication Order Number:
SMF05C/D
SMF05C, SMF12C, SMF15C,
SMF24C
5−Line Transient Voltage
Suppressor Array
This 5−line voltage transient suppressor array is designed for
application requiring transient voltage protection capability. It is
intended for use in over−transient voltage and ESD sensitive
equipment such as computers, printers, automotive electronics,
networking communication and other applications. This device
features a monolithic common anode design which protects five
independent lines in a single SC−88 package.
Features
Protects up to 5−Line in a Single SC−88 Package
Peak Power Dissipation − 100 W (8 x 20 ms Waveform)
ESD Rating of Class 3B (Exceeding 8 kV) per Human Body Model
and Class C (Exceeding 400 V) per Machine Model.
Compliance with IEC 61000−4−2 (ESD) 15 kV (Air), 8 kV (Contact)
Flammability Rating of UL 94 V−0
Pb−Free Package is Available
Applications
Hand−Held Portable Applications
Networking and Telecom
Automotive Electronics
Serial and Parallel Ports
Notebooks, Desktops, Servers
MAXIMUM RATINGS (TJ=25°C unless otherwise specified)
Symbol
Rating
Value
Unit
PPK 1
Peak Power Dissipation
8 x 20
ms Double Exponential Waveform
(Note 1)
100
W
TJ
Operating Junction Temperature Range
−40 to 125
°C
TSTG
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature (10 s)
260
°C
ESD
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Air (ESD)
IEC 61000−4−2 Contact (ESD)
16000
400
15000
15000
V
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. Nonrepetitive current pulse per Figure 3.
SC−88 FIVE TRANSIENT
VOLTAGE SUPPRESSOR
100 W PEAK POWER
SC−88
CASE 419B
STYLE 24
1
2
3
6
5
4
MARKING DIAGRAM
PIN ASSIGNMENT
Device
Package
Shipping
ORDERING INFORMATION
SMF05CT1
SC−88
3000/Tape & Reel
PIN 1. CATHODE
2. ANODE
3 CATHODE
4. CATHODE
5. CATHODE
6. CATHODE
http://onsemi.com
DEVM
6J
= SMF05C
6K
= SMF12C
6L
= SMF15C
6M
= SMF24C
M
= Date Code
SMF12CT1
SC−88
3000/Tape & Reel
SMF15CT1
SC−88
3000/Tape & Reel
SMF24CT1
SC−88
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
*The “T2” suffix refers to an alternate tape & reel
orientation.
SMF05CT2*
SC−88
3000/Tape & Reel
SMF05CT2G*
SC−88
(Pb−Free)
3000/Tape & Reel
1


Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
112Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
153Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
   MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C Datasheet
674Kb / 7P
   MULTI-LINE TVS ARRAY
More results

Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
   5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
   5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
SMS05C ONSEMI-SMS05C_11 Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SESMF05C WILLAS-SESMF05C Datasheet
293Kb / 4P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
NUP5150MU ONSEMI-NUP5150MU Datasheet
89Kb / 4P
   5-Line Transient Voltage Suppressor Array
September, 2007 - Rev. 0
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
   4-Line Transient Voltage Suppressor Array
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
   4-Line Transient Voltage Suppressor Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com