Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1032-80LG Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPLSI1032-80LG
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032-80LG Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI1032-80LG Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1032-80LG Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Specifications ispLSI 1032
6
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Internal Timing Parameters1
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
7.3
1.3
1.3
6.0
4.6
2.7
4.0
4.0
3.3
5.3
2.0
2.7
4.0
5.0
6.0
10.6
8.6
9.3
10.6
12.7
1.3
2.7
3.3
13.3
12.0
9.9
3.3
0.7
MIN. MAX.
DESCRIPTION
PARAMETER
UNITS
-60
Inputs
tiobp
tiolat
tiosu
tioh
tioco
tior
tdin
GRP
tgrp1
tgrp4
tgrp8
tgrp12
tgrp16
tgrp32
GLB
t4ptbp
t1ptxor
t20ptxor
txoradj
tgbp
tgsu
tgh
tgco
tgr
tptre
tptoe
tptck
ORP
torp
torpbp
#
2
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
I/O Register Bypass
I/O Latch Delay
I/O Register Setup Time before Clock
I/O Register Hold Time after Clock
I/O Register Clock to Out Delay
I/O Register Reset to Out Delay
Dedicated Input Delay
GRP Delay, 1 GLB Load
GRP Delay, 4 GLB Loads
GRP Delay, 8 GLB Loads
GRP Delay, 12 GLB Loads
GRP Delay, 16 GLB Loads
GRP Delay, 32 GLB Loads
4 Product Term Bypass Path Delay
1 Product Term/XOR Path Delay
20 Product Term/XOR Path Delay
XOR Adjacent Path Delay3
GLB Register Bypass Delay
GLB Register Setup Time before Clock
GLB Register Hold Time after Clock
GLB Register Clock to Output Delay
GLB Register Reset to Output Delay
GLB Product Term Reset to Register Delay
GLB Product Term Output Enable to I/O Cell Delay
GLB Product Term Clock Delay
ORP Delay
ORP Bypass Delay
5.5
1.0
1.0
4.5
3.5
2.0
3.0
3.0
2.5
4.0
1.5
2.0
3.0
3.8
4.5
8.0
6.5
7.0
8.0
9.5
1.0
2.0
2.5
10.0
9.0
7.5
2.5
0.5
MIN. MAX.
-80
4.8
2.1
1.2
3.6
2.8
1.6
2.4
2.4
2.8
3.2
1.2
1.6
2.4
3.0
3.6
6.4
5.2
5.7
7.0
8.2
0.8
1.6
2.0
8.0
7.8
6.0
2.4
0.4
MIN. MAX.
-90


Similar Part No. - ISPLSI1032-80LG

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032-80LJ LATTICE-ISPLSI1032-80LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISPLSI1032-80LT LATTICE-ISPLSI1032-80LT Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - ISPLSI1032-80LG

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com