Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM917 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM917
Description  T-5 Wedge Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM917 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM917 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-5 Wedge Base
TL-3/4 Wire Terminal Lens End
TL-3/4 Micro-Midget Flange Base Lens End
Number
Part
Voltage
Des ign
Amps
Hours
Life
Type
Filament
C M3909
C M3910
5.0
5.0
.06
.12
None
None
25,000
16,000
C-2R
C-2R
C-2F
C-2R
C-2R
C-2F
C-2R
C-2R
1,000
200
1,000
1,200
1,000
50
6.0
15.0
21.0
10.0
12.0
11.0
.69
.98
1.40
1.20
1.00
.75
13.0
12.8
12.8
12.8
12.8
12.0
CM906
CM922
C M921
C M917
C M912
CM915
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
C M914
C M926
C M903
CM908
C M909
C M927
C M929
6.0
6.0
6.0
6.0
6.0
4.0
4.0
1.00
1.20
.62
1.50
1.00
1.80
.90
6.5
8.0
3.8
12.0
6.0
7.5
3.5
50
50
30
50
200
50
50
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-6
C-2F
C-2F
10,000
5,000
2.0
4.0
.54
.69
13.5
13.5
C M916
CM904
C-2F
500
6.0
.30
28.0
CM928
C-2R
C-2R
25,000
40,000
None
None
.06
.12
5.0
5.0
C M1425
C M1212
Type
Filament
Hours
Life
Amps
Voltage
Des ign
Number
Part
Spot
Ch aracteris tic
MAX .
.094
MAX .
.187
MI N .
1.00
MAX .
.620
MAX .
.374
MAX .
.175
MAX .
1.25
MAX .
Ø.126
MAX .
Ø.094
MAX .
.300
Spot
Ch aracteris tic
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM917

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM917 VCC-CM917 Datasheet
28Kb / 1P
   Wedge Base Lens End
More results

Similar Description - CM917

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM11 CML-CM11 Datasheet
223Kb / 1P
   T-1 3/4 Wedge Base
CM6502 CML-CM6502 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM559 VCC-CM559 Datasheet
32Kb / 1P
   Wedge Base
CM6502 VCC-CM6502 Datasheet
44Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
1260XLF CML-1260XLF Datasheet
70Kb / 1P
   T-31/4(10mm) Wedge base lamp
logo
List of Unclassifed Man...
LE-0509-02B ETC2-LE-0509-02B Datasheet
186Kb / 1P
   T-3 1/4 24V WEDGE BASE LED
logo
CML Microcircuits
513LF CMLMICRO-513LF Datasheet
55Kb / 1P
   T-3쩌(10mm) Wedge base lamp 24V 2W
logo
Visual Communications C...
CM11 VCC-CM11 Datasheet
28Kb / 1P
   Wedge,Midget Screw Base
CM914 VCC-CM914 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
Chicago Miniature Lamp,...
501XLF CML-501XLF Datasheet
66Kb / 1P
   T-3쩌 12V 5W Lead-free Wedge base lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com